Electronic Components Datasheet Search
  English  ▼

X  

WM9714L Datasheet(PDF) 68 Page - Cirrus Logic

Part # WM9714L
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714L Datasheet(HTML) 68 Page - Cirrus Logic

Back Button WM9714L Datasheet HTML 64Page - Cirrus Logic WM9714L Datasheet HTML 65Page - Cirrus Logic WM9714L Datasheet HTML 66Page - Cirrus Logic WM9714L Datasheet HTML 67Page - Cirrus Logic WM9714L Datasheet HTML 68Page - Cirrus Logic WM9714L Datasheet HTML 69Page - Cirrus Logic WM9714L Datasheet HTML 70Page - Cirrus Logic WM9714L Datasheet HTML 71Page - Cirrus Logic WM9714L Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 120 page
background image
WM9714L
68
Rev 4.0
MASK INPUT CONTROL
Sources of glitch noise, such as the signals driving an LCD display, may feed through to the AUX
ADC inputs and affect measurement accuracy. In order to minimise this effect, a signal may be
applied to MASK (pin 47 / pin 3) to delay or synchronise the sampling of any input to the ADC. The
effect of the MASK signal depends on the MSK bits of register 78h, as described in Table 51.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
78h
7:6
MSK
00
Mask Input Control
see Table 52 for details
Table 51 MASK Input Control
MSK[1-0]
EFFECT OF SIGNAL ON MASK PIN
00
Mask has no effect on conversions GPIO input disabled (default)
01
Static; ‘hi’ on MASK pin stops conversions, ‘lo’ has no effect.
10
Edge triggered; rising or falling edge on MASK pin delays conversions
by an amount set in the DEL[3-0] register. Conversions are asynchronous to the
MASK signal.
11
Synchronous mode; conversions wait until rising or falling edge on MASK initiates
cycle; screen starts to be driven when the edge arrives, the conversion sample
being taken a period set by DEL[3-0] after the edge.
Table 52 Controlling the MASK Feature
Note that pin 47 / pin 3 can also be used as a GPIO
(see “GPIO and Interrupt Control”), or to output
the ADA signal (see below).
ADA (ADC DATA AVAILABLE) SIGNAL
Whenever data becomes available from the AUXADC, the internal ADA (ADC Data Available) signal
goes high and remains high until the data has been read from register 7Ah (if SLEN = 0) or until it has
been sent out on an AC-Link slot (if SLEN = 1).
ADA goes high after every AUXADC conversion (in normal mode, COO=0)
ADA can be used to generate an interrupt, if the AW bit (register 52h, bit 12) is set (see
“GPIO and
Interrupt Control
”).
It is also possible to output the ADA signal on pin 47 / pin 3, if this pin is not used as a GPIO. The
GE4/6 bit must be set to ‘0’ to achieve this (see “GPIO and Interrupt Control”).
Alternatively, ADA can be read from bit 12 in register 54h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com