Electronic Components Datasheet Search
  English  ▼

X  

WM9714L Datasheet(PDF) 66 Page - Cirrus Logic

Part # WM9714L
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714L Datasheet(HTML) 66 Page - Cirrus Logic

Back Button WM9714L Datasheet HTML 62Page - Cirrus Logic WM9714L Datasheet HTML 63Page - Cirrus Logic WM9714L Datasheet HTML 64Page - Cirrus Logic WM9714L Datasheet HTML 65Page - Cirrus Logic WM9714L Datasheet HTML 66Page - Cirrus Logic WM9714L Datasheet HTML 67Page - Cirrus Logic WM9714L Datasheet HTML 68Page - Cirrus Logic WM9714L Datasheet HTML 69Page - Cirrus Logic WM9714L Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 120 page
background image
WM9714L
66
Rev 4.0
MEASUREMENT TYPES
The ADCSEL control bits determine which type of measurement is performed (see below).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
74h
7
ADCSEL_AUX4
0
AUX4 Measurement Enable Control
0 = Disable AUX4 measurement (pin 12)
1 = Enable AUX4 measurement (pin 12)
6
ADCSEL_AUX3
0
AUX3 Measurement Enable Control
0 = Disable AUX3 measurement
(SPKVDD/3)
1 = Enable AUX3 measurement
(SPKVDD/3)
5
ADCSEL_AUX2
0
AUX2 Measurement Enable Control
0 = Disable AUX2 measurement (pin 30)
1 = Enable AUX2 measurement (pin 30)
4
ADCSEL_AUX1
0
AUX1 Measurement Enable Control
0 = Disable AUX1 measurement (pin 29)
1 = Enable AUX1 measurement (pin 29)
Note: Only one bit in 74h[7:4] should be set at any one time
Table 48 AUX ADC Control (Measurement Types)
The WM9714L performs a single measurement
– either in polling mode or continuously, as indicated
by the CTC bit. The type of measurement is specified by the ADCSEL[7:4] bits. Only one of the
ADCSEL[7:4] bits should be set.
CONVERSION RATE
The AUXADC conversion rate is specified by the CR bits (reg 76h).
CR may be set to 93.75Hz (every 512 AC-Link Frames), 120Hz (every 400 AC-Link Frames),
153.75Hz (every 312 AC-Link frames) or 187.5Hz (every 256 AC-Link frames).
If only one ADRSEL[7:1] bit is set, each individual conversion occurs at the rate specified by CR.
If multiple ADRSEL[7:1] bits are set, the complete set of conversions requested is completed at the
rate specified by CR.
DATA READBACK
AUXADC measured data is stored in register 7Ah, and can be retrieved by reading the register in the
usual manner (see
“AC97 Interface”). Additionally, the data can also be passed to the controller on
one of the AC-Link time slots not used for audio functions.
The output data word of the AUX ADC interface consists of three parts:
1 Unused bit (Ignore).
Output data from the AUX ADC (12 bits)
ADCSRC: 3 additional bits that indicate the source of the ADC data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com