Electronic Components Datasheet Search
  English  ▼

X  

WM9714L Datasheet(PDF) 37 Page - Cirrus Logic

Part # WM9714L
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714L Datasheet(HTML) 37 Page - Cirrus Logic

Back Button WM9714L Datasheet HTML 33Page - Cirrus Logic WM9714L Datasheet HTML 34Page - Cirrus Logic WM9714L Datasheet HTML 35Page - Cirrus Logic WM9714L Datasheet HTML 36Page - Cirrus Logic WM9714L Datasheet HTML 37Page - Cirrus Logic WM9714L Datasheet HTML 38Page - Cirrus Logic WM9714L Datasheet HTML 39Page - Cirrus Logic WM9714L Datasheet HTML 40Page - Cirrus Logic WM9714L Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 120 page
background image
WM9714L
Rev 4.0
37
PEAK LIMITER
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes a
limiter function. If the ADC input signal exceeds 87.5% of full scale (
–1.16dB), the PGA gain is ramped
down at the maximum attack rate (as when ATK = 0000), until the signal level falls below 87.5% of full
scale. This function is automatically enabled whenever the ALC is enabled.
(Note: If ATK = 0000, then the limiter makes no difference to the operation of the ALC. It is designed
to prevent clipping when long attack times are used).
NOISE GATE
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM9714L has a noise gate function that
prevents noise pumping by comparing the signal level at the input pins (i.e. before the record PGA)
against a noise gate threshold, NGTH. Provided that the noise gate function is enabled (NGAT = 1),
the noise gate cuts in when:
Signal level at ADC [dB] < NGTH [dB] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
Signal level at input pin [dB] < NGTH [dB]
The PGA gain is then held constant (preventing it from ramping up as it normally would when the
signal is quiet). If the NGG bit is set, the ADC output is also muted when the noise gate cuts in.
Table 15 summarises the noise gate control register. The NGTH control bits set the noise gate
threshold with respect to the ADC full-scale range. The threshold is adjusted in 1.5dB steps. Levels at
the extremes of the range may cause inappropriate operation, so care should be taken with set
–up of
the function. Note that the noise gate only works in conjunction with the ALC function, and always
operates on the same channel(s) as the ALC (left, right, both, or none).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
62h
ALC / Noise
Gate Control
7
NGAT
0
Noise gate function enable
1 = enable
0 = disable
5
NGG
0
Noise gate type
0 = PGA gain held constant
1 = mute ADC output
4:0
NGTH(4:0)
00000
Noise gate threshold
00000: -76.5dBFS
00001: -75dBFS
… 1.5 dB steps
11110: -31.5dBFS
11111: -30dBFS
Table 15 Noise Gate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com