Electronic Components Datasheet Search
  English  ▼

X  

WM9714L Datasheet(PDF) 90 Page - Cirrus Logic

Part # WM9714L
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714L Datasheet(HTML) 90 Page - Cirrus Logic

Back Button WM9714L Datasheet HTML 86Page - Cirrus Logic WM9714L Datasheet HTML 87Page - Cirrus Logic WM9714L Datasheet HTML 88Page - Cirrus Logic WM9714L Datasheet HTML 89Page - Cirrus Logic WM9714L Datasheet HTML 90Page - Cirrus Logic WM9714L Datasheet HTML 91Page - Cirrus Logic WM9714L Datasheet HTML 92Page - Cirrus Logic WM9714L Datasheet HTML 93Page - Cirrus Logic WM9714L Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
WM9714L
90
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1Eh
15:13
INV1
000 (ZH)
INV1 Source Select
000 = No input (tri-stated)
001 = MONOMIX
010 = SPKMIX
011 = HPMIXL
100 = HPMIXR
101 = HPMIXMONO
110 = Reserved
111 = VMID
Audio DACs,
3D Stereo
Enhancement;
Analogue
Audio Outputs
12:10
INV2
000 (ZH)
INV2 Source Select
000 = No input (tri-stated)
001 = MONOMIX
010 = SPKMIX
011 = HPMIXL
100 = HPMIXR
101 = HPMIXMONO
110 = Reserved
111 = VMID
5
3DLC
0 (low)
3D Lower Cut-off Frequency Control
1 = High (500Hz at 48kHz sampling)
0 = Low (200Hz at 48kHz sampling)
4
3DUC
0 (high)
3D Upper Cut-off Frequency Control
1 = Low (1.5kHz at 48kHz sampling)
0 = High (2.2kHz at 48kHz sampling)
3:0
3DDEPTH
0000 (0%)
3D Depth Control
0000 = 0%
… (6.67% steps)
1111 = 100%
Register 1Eh controls 3D stereo enhancement for the audio DACs and input muxes to the output inverters INV1 and INV2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com