Electronic Components Datasheet Search
  English  ▼

X  

WM9714L Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM9714L
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714L Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM9714L Datasheet HTML 70Page - Cirrus Logic WM9714L Datasheet HTML 71Page - Cirrus Logic WM9714L Datasheet HTML 72Page - Cirrus Logic WM9714L Datasheet HTML 73Page - Cirrus Logic WM9714L Datasheet HTML 74Page - Cirrus Logic WM9714L Datasheet HTML 75Page - Cirrus Logic WM9714L Datasheet HTML 76Page - Cirrus Logic WM9714L Datasheet HTML 77Page - Cirrus Logic WM9714L Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
WM9714L
74
Rev 4.0
The properties of the GPIOs are controlled through registers 4Ch to 52h, as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4Ch
n
GCn
1
GPIO Pin Configuration Control
0 = Output
1 = Input (GC9-15 are always inputs)
4Eh
n
GPn
1
GPIO Pin Polarity / Type (Note 1)
Input (GCn = 1)
Input (GCn = 1)
0 = Active low
1 = Acitve high
0 = Active low
1 = Acitve high
50h
n
GSn
0
GPIO Pin Sticky Control
0 = Not sticky
1 = Sticky
52h
n
GWn
0
GPIO Pin Wake-up Control
0 = No wake-up (no interrupts generated by
GPIO)
1 = Wake-up (generate interrupts from GPIO)
54h
n
GIn
N/A
GPIO Pin Status
Read = Returns status of GPIO
Write = Writing 0 clears sticky bits
Table 57 GPIO Control
Note 1: Excludes GP11. For Thermal Sensor Polarity Control (GP11) see Table 40 on page 59.
The following procedure is recommended for handling interrupts:
When the controller receives an interrupt, check register 54h. For each GPIO bit in descending order
of priority, check if the bit is ‘1’. If yes, execute corresponding interrupt routine, then write ‘0’ to
corresponding bit in 54h. If no, continue to next lower priority GPIO. After all GPIOs have been
checked, check if interrupt still present or no. If yes, repeat procedure. If no, then jump back to
process that ran before the interrupt.
If the system CPU cannot execute such an interrupt routine, it may be preferable to switch internal
signals directly onto the GPIO pins. However, in this case the interrupt signals cannot be made sticky,
and more GPIO pins are tied up both on the WM9714L and on the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com