Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9508 Datasheet HTML 13Page - Analog Devices AD9508 Datasheet HTML 14Page - Analog Devices AD9508 Datasheet HTML 15Page - Analog Devices AD9508 Datasheet HTML 16Page - Analog Devices AD9508 Datasheet HTML 17Page - Analog Devices AD9508 Datasheet HTML 18Page - Analog Devices AD9508 Datasheet HTML 19Page - Analog Devices AD9508 Datasheet HTML 20Page - Analog Devices AD9508 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
AD9508
Rev. G | Page 17 of 40
Figure 21. HSTL Differential Output Swing vs. Power Supply Voltage
Figure 22. HSTL Propagation Delay vs. Input Differential Voltage
Figure 23. HSTL Propagation Delay vs. Input Common-Mode Voltage
Figure 24. HSTL Output Duty Cycle vs. Output Frequency
Figure 25. Additive Broadband Jitter vs. Input Slew Rate, LVDS, HSTL
(Calculated from SNR of ADC Method)
Figure 26. Absolute Phase Noise in HSTL Mode with Clock Input at
622.08 MHz and Outputs = 622.08 MHz, 311.04 MHz, 155.52 MHz
2.0
POWER SUPPLY (V)
2.3
2.5
3.1
2.9
2.7
3.3
3.5
1.9
1.8
1.7
1.6
1.5
2.0
2.1
2.2
2.3
2.4
1.8
1.7
2.0
1.6
1.8
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.9
INPUT DIFFERENTIAL (V p-p)
COMMON-MODE VOLTAGE (mV)
2.0
1.8
1.6
1.4
2.6
2.4
2.2
300
500
700
900
1100
1300
1500
55
FREQUENCY (MHz)
400
200
0
600
800
1000
1200
1400
1600
60
50
45
40
DIVIDER 1
DIVIDER 2 (FREQUENCY RANGE NORMALIZED FROM 0Hz TO 800MHz)
DIVIDER 3 (FREQUENCY RANGE NORMALIZED FROM 0Hz TO 500MHz)
80
90
100
110
120
130
140
150
024
68
10
SLEW RATE (V/ns)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
10
100
1k
10k
100k
10M
100M
1M
FREQUENCY OFFSET (Hz)
HSTL 155.52MHz
HSTL 311.04MHz
HSTL 622.08MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com