Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9508 Datasheet HTML 19Page - Analog Devices AD9508 Datasheet HTML 20Page - Analog Devices AD9508 Datasheet HTML 21Page - Analog Devices AD9508 Datasheet HTML 22Page - Analog Devices AD9508 Datasheet HTML 23Page - Analog Devices AD9508 Datasheet HTML 24Page - Analog Devices AD9508 Datasheet HTML 25Page - Analog Devices AD9508 Datasheet HTML 26Page - Analog Devices AD9508 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD9508
Rev. G | Page 23 of 40
CLOCK INPUT
The IN_SEL pin controls the desired input clock configuration.
When the IN_SEL pin is set for single-ended operation, the device
expects 1.8 V (if ac-coupled), 2.5 V, or 3.3 V CMOS-compatible
logic levels on the CLK input pin. Bypass the unused CLK pin
to ground with a 0.1 µF capacitor.
Note that if 2.5 V CMOS logic is used for single-ended input
clock mode, the 2.5 V power supply option is recommended
instead of 3.3 V operation to avoid possible duty cycle distortion.
Duty cycle distortion can occur when the switching threshold
level (VDD/2 or 1.65 V for 3.3 V operation) is increased and
slow rise and falls times exist at the clock input.
1.8 V CMOS logic levels are not recommended in a single-ended
CMOS configuration due to VIH being too close to the input
threshold voltage. However, the differential input clock mode
can be used for a 1.8 V CMOS input, and Figure 38 shows the
recommended configuration for a 1.8 V CMOS input clock.
When the IN_SEL pin is set for differential input clock mode,
the inputs of the AD9508 are internally self biased. The internal
inputs have a resistor divider, which sets the common-mode
level. The complementary input is biased about 30 mV lower
than the true input to avoid oscillations in the event that the
input signal ceases. See Figure 43 for the equivalent differential
input circuit.
Figure 43. AD9508 Differential Input Stage
The inputs can be ac-coupled or dc-coupled in differential
mode. See Table 14 for input logic compatibility. The user can
supply a single-ended input with the input in differential mode
by ac or dc coupling to one side of the differential input and
bypassing the other input to ground by a capacitor.
Note that jitter performance degrades with low input slew rate,
as shown in Figure 25. See Figure 34 through Figure 37 for
different input clock termination schemes.
Table 14. CLK and CLK Differential Input Logic Compatibility
Input Logic Type
Input Common Mode (V)
Input Voltage Swing (per leg) (V)
AC-Coupled
DC-Coupled
3.3 V CML
2.9
0.8
Yes
Not allowed
2.5 V CML
2.1
0.8
Yes
Not allowed
1.8 V CML
1.4
0.8
Yes
Yes
3.3 V CMOS1
1.65
3.3
Not allowed
Yes
2.5 V CMOS1, 2
1.25
2.5
Not allowed
Yes
1.8 V CMOS3
0.9
1.8
Yes
Not recommended
1.5 V HSTL
0.75
0.75
Yes
Yes
LVDS
1.25
0.4
Yes
Yes
3.3 V LVPECL
2.0
0.8
Yes
Not allowed
2.5 V LVPECL
1.2
0.8
Yes
Yes
1 IN_SEL is set for single-ended CMOS mode.
2 VDD = 2.5 V operation recommended vs. VDD = 3.3 V operation.
3 Refer to Figure 38 for configuration.
12.5kΩ
13kΩ
16.5kΩ
16kΩ
VDD
CLK
CLK
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com