Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9508 Datasheet HTML 14Page - Analog Devices AD9508 Datasheet HTML 15Page - Analog Devices AD9508 Datasheet HTML 16Page - Analog Devices AD9508 Datasheet HTML 17Page - Analog Devices AD9508 Datasheet HTML 18Page - Analog Devices AD9508 Datasheet HTML 19Page - Analog Devices AD9508 Datasheet HTML 20Page - Analog Devices AD9508 Datasheet HTML 21Page - Analog Devices AD9508 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD9508
Data Sheet
Rev. G | Page 18 of 40
Figure 27. Absolute Phase Noise in LVDS Mode with Clock Input at
622.08 MHz and Outputs = 622.08 MHz, 311.04 MHz, 155.52 MHz
Figure 28. Absolute Phase Noise of Clock Source at 622.08 MHz
Figure 29. Additive Phase Noise with Clock Input = 1474.56 MHz with HSTL
Outputs = 1474.76 MHz
Figure 30. Additive Phase Noise with Clock Input = 1500 MHz with HSTL
Outputs = 100 MHz
Figure 31. Additive Phase Noise with Clock Input = 622.08 MHz with HSTL
Outputs = 155.52 MHz
Figure 32. Additive Phase Noise with Clock Input = 622.08 MHz with LVDS
Outputs = 622.08 MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
LVDS 155.52MHz
LVDS 311.04MHz
LVDS 622.08MHz
10
100
1k
10k
100k
10M
100M
1M
FREQUENCY OFFSET (Hz)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
1
1000
100000
10000000
FREQUENCY OFFSET (MHz)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
10
100
1k
10k
100k
10M
100M
1M
FREQUENCY (Hz)
MARKER
FREQUENCY
1. 10Hz
2. 100Hz
3. 1kHz
4. 10kHz
5. 100kHz
6. 1MHz
7. 10MHz
8. 100MHz
AMPLITUDE
–89.57dBc/Hz
–100.45dBc/Hz
–109.97dBc/Hz
–116.93dBc/Hz
–135.33dBc/Hz
–144.39dBc/Hz
–148.66dBc/Hz
–149.78dBc/Hz
2
3
4
5
6
7
8
1
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
MARKER
FREQUENCY
1. 10Hz
2. 100Hz
3. 1kHz
4. 10kHz
5. 100.5kHz
6. 1MHz
7. 10MHz
AMPLITUDE
–116.04dBc/Hz
–126.68dBc/Hz
–135.27dBc/Hz
–142.56dBc/Hz
–159.42dBc/Hz
–161.97dBc/Hz
–164.55dBc/Hz
2
3
4
5
6
7
1
FREQUENCY (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
MARKER
FREQUENCY
1. 10Hz
2. 100Hz
3. 1kHz
4. 10kHz
5. 100.5kHz
6. 1MHz
7. 10MHz
8. 20MHz
AMPLITUDE
–112.35dBc/Hz
–118.81dBc/Hz
–127.84dBc/Hz
–135.97dBc/Hz
–151.91dBc/Hz
–157.87dBc/Hz
–159.78dBc/Hz
–157.88dBc/Hz
FREQUENCY (Hz)
2
3
4
5
6
7
8
1
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
MARKER
FREQUENCY
1. 10Hz
2. 100Hz
3. 1kHz
4. 10kHz
5. 100.5kHz
6. 1MHz
7. 10MHz
8. 20MHz
AMPLITUDE
–100.17dBc/Hz
–109.18dBc/Hz
–117.67dBc/Hz
–124.94dBc/Hz
–143.83dBc/Hz
–151.64dBc/Hz
–153.81dBc/Hz
–152.87dBc/Hz
2
3
4
5
6
7
8
1
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com