Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9508 Datasheet HTML 15Page - Analog Devices AD9508 Datasheet HTML 16Page - Analog Devices AD9508 Datasheet HTML 17Page - Analog Devices AD9508 Datasheet HTML 18Page - Analog Devices AD9508 Datasheet HTML 19Page - Analog Devices AD9508 Datasheet HTML 20Page - Analog Devices AD9508 Datasheet HTML 21Page - Analog Devices AD9508 Datasheet HTML 22Page - Analog Devices AD9508 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
AD9508
Rev. G | Page 19 of 40
Figure 33. Additive Phase Noise with Clock Input = 100 MHz with CMOS
Outputs = 100 MHz
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
MARKER
FREQUENCY
1. 10Hz
2. 100Hz
3. 1kHz
4. 10kHz
5. 100.5kHz
6. 1MHz
7. 10MHz
8. 20MHz
AMPLITUDE
–114.15dBc/Hz
–127.18dBc/Hz
–134.13dBc/Hz
–141.63dBc/Hz
–154.66dBc/Hz
–155.37dBc/Hz
–152.86dBc/Hz
–153.09dBc/Hz
2
1
3
4
5
6
7
8
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com