Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9508 Datasheet HTML 26Page - Analog Devices AD9508 Datasheet HTML 27Page - Analog Devices AD9508 Datasheet HTML 28Page - Analog Devices AD9508 Datasheet HTML 29Page - Analog Devices AD9508 Datasheet HTML 30Page - Analog Devices AD9508 Datasheet HTML 31Page - Analog Devices AD9508 Datasheet HTML 32Page - Analog Devices AD9508 Datasheet HTML 33Page - Analog Devices AD9508 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD9508
Data Sheet
Rev. G | Page 30 of 40
Table 20. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and the rising edge of SCLK
tDH
Hold time between data and the rising edge of SCLK
tCLK
Period of the clock
tS
Setup time between the CS falling edge and the SCLK rising edge (start of the communication cycle)
tC
Setup time between the SCLK rising edge and CS rising edge (end of the communication cycle)
tHIGH
Minimum period that SCLK should be in a logic high state
tLOW
Minimum period that SCLK should be in a logic low state
tDV
SCLK to valid SDIO and SDO (see Figure 52)
I2C SERIAL PORT OPERATION
The I2C interface has the advantage of requiring only two control
pins and is a de facto standard throughout the I2C industry.
However, its disadvantage is the programming speed, which is
400 kbps maximum. The AD9508 I2C port design is based on
the I2C fast mode standard; therefore, it supports both the 100 kHz
standard mode and 400 kHz fast mode. Fast mode imposes a glitch
tolerance requirement on the control signals; that is, the input
receivers ignore pulses of less than 50 ns duration.
The AD9508 I2C port consists of a serial data line (SDA) and
a serial clock line (SCL). In an I2C bus system, the AD9508 is
connected to the serial bus (data bus SDA and clock bus SCL)
as a slave device; that is, no clock is generated by the AD9508.
The AD9508 uses direct 16-bit memory addressing rather than
traditional 8-bit memory addressing.
The AD9508 allows up to four unique slave devices to occupy
the I2C bus. These slave devices are accessed via a 7-bit slave
address that is transmitted as part of an I2C packet. Only the
device that has a matching slave address responds to subsequent
I2C commands. Table 16 lists the supported device slave
addresses.
I2C Bus Characteristics
Table 21 provides a summary of the various I2C abbreviations
used in the protocol.
Table 21. I2C Bus Abbreviation Definitions
Abbreviation
Definition
S
Start
Sr
Repeated start
P
Stop
ACK
Acknowledge
NACK
No acknowledge
W
Write
R
Read
The transfer of data is shown in Figure 55. One clock pulse is
generated for each data bit transferred. The data on the SDA
line must be stable during the high period of the clock. The
high or low state of the data line can change only when the
clock signal on the SCL line is low.
Figure 55. Valid Bit Transfer
Start/stop functionality is shown in Figure 56. The start condition
is characterized by a high-to-low transition on the SDA line while
SCL is high. The start condition is always generated by the master
to initialize a data transfer. The stop condition is characterized
by a low-to-high transition on the SDA line while SCL is high.
The stop condition is always generated by the master to terminate
a data transfer. Every byte on the SDA line must be eight bits long.
Each byte must be followed by an acknowledge bit; bytes are sent
MSB first.
The acknowledge bit (ACK) is the ninth bit attached to any
8-bit data byte. An acknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the
byte has been received. The acknowledge bit is communicated
by pulling the SDA line low during the ninth clock pulse after
each 8-bit data byte (see Figure 57).
The no acknowledge bit (NACK) is the ninth bit attached to any
8-bit data byte. The receiving device (receiver) always generates
the no acknowledge bit to inform the transmitter that the byte
has not been received. The no acknowledge bit is communicated by
leaving the SDA line high during the ninth clock pulse after
each 8-bit data byte.
DATA LINE
STABLE;
DATA VALID
CHANGE
OF DATA
ALLOWED
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com