Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 11Page - NXP Semiconductors MMPF0200 Datasheet HTML 12Page - NXP Semiconductors MMPF0200 Datasheet HTML 13Page - NXP Semiconductors MMPF0200 Datasheet HTML 14Page - NXP Semiconductors MMPF0200 Datasheet HTML 15Page - NXP Semiconductors MMPF0200 Datasheet HTML 16Page - NXP Semiconductors MMPF0200 Datasheet HTML 17Page - NXP Semiconductors MMPF0200 Datasheet HTML 18Page - NXP Semiconductors MMPF0200 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
NXP Semiconductors
15
PF0200
GENERAL DESCRIPTION
5.2
Functional block diagram
Figure 5. Functional block diagram
5.3
Functional description
5.3.1
Power generation
The PF0200 PMIC features three buck regulators (up to four independent outputs), one boost regulator, six general purpose LDOs, one
switch/LDO combination and a DDR voltage reference to supply voltages for the application processor and peripheral devices.
The number of independent buck regulator outputs can be configured from three to four, thereby providing flexibility to operate with higher
current capability, or to operate as independent outputs for applications requiring more voltage rails with lower current demands. The SW3
regulator can be configured as a single phase or with two independent outputs. The buck regulators provide the supply to processor cores
and to other low-voltage circuits such as IO and memory. Dynamic voltage scaling is provided to allow controlled supply rail adjustments
for the processor cores and/or other circuitry.
Depending on the system power path configuration, the six general purpose LDO regulators can be directly supplied from the main input
supply or from the switching regulators to power peripherals, such as audio, camera, Bluetooth, Wireless LAN, etc. A specific VREFDDR
voltage reference is included to provide accurate reference voltage for DDR memories operating with or without VTT termination. The
VSNVS block behaves as an LDO, or as a bypass switch to supply the SNVS/SRTC circuitry on the i.MX processors; VSNVS may be
powered from VIN, or from a coin cell.
5.3.2
Control logic
The PF0200 PMIC is fully programmable via the I2C interface. Additional communication is provided by direct logic interfacing including
interrupt and reset. Start-up sequence of the device is selected upon the initial OTP configuration explained in the Start-up section, or by
configuring the “Try Before Buy” feature to test different power up sequences before choosing the final OTP configuration.
The PF0200 PMIC has the interfaces for the power buttons and dedicated signaling interfacing with the processor. It also ensures supply
of critical internal logic and other circuits from the coin cell in case of brief interruptions from the main battery. A charger for the coin cell
is included as well.
Logic and Control
Switching Regulators
SW1A/B
(0.3 to 1.875V, 2.5A)
Linear Regulators
SW2
(0.4 to 3.3V, 1.5A)
SW3A/B
(0.4 to 3.3V)
Configurable 2.5A or
1.25A+1.25A
Boost Regulator
(5 to 5.15V, 600mA)
USB OTG Supply
VGEN1
(0.8 to 1.55V, 100mA)
VGEN2
(0.8 to 1.55V, 250mA)
VGEN3
(1.8 to 3.3V, 100mA)
VGEN4
(1.8 to 3.3V, 350mA)
VGEN5
(1.8 to 3.3V, 100mA)
VGEN6
(1.8 to 3.3V, 200mA)
Bias & References
Parallel MCU Interface
Regulator Control
VSNVS
(1.0 to 3.0V, 400uA)
RTC supply with coin cell
charger
PF0200 Functional Internal Block Diagram
I2C Communication & Registers
Power Generation
Fault Detection and Protection
DDR Voltage Reference
Current Limit
Short-Circuit
Internal Core Voltage Reference
Thermal
OTP Startup Configuration
Sequence and
timing
OTP Prototyping
(Try before buy)
Voltage
Phasing and
Frequency Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com