Electronic Components Datasheet Search
  English  ▼

X  

AD9523BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 42Page - Analog Devices AD9523BCPZ Datasheet HTML 43Page - Analog Devices AD9523BCPZ Datasheet HTML 44Page - Analog Devices AD9523BCPZ Datasheet HTML 45Page - Analog Devices AD9523BCPZ Datasheet HTML 46Page - Analog Devices AD9523BCPZ Datasheet HTML 47Page - Analog Devices AD9523BCPZ Datasheet HTML 48Page - Analog Devices AD9523BCPZ Datasheet HTML 49Page - Analog Devices AD9523BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 46 of 60
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Readback
0x22C
Readback 0
Status PLL2
reference
clock
Status PLL1
feedback
clock
Status
VCXO
Status
REF_TEST
Status
REFB
Status
REFA
Lock detect
PLL2
Lock detect
PLL1
0x22D
Readback 1
Reserved
Reserved
Reserved
Reserved
Holdover
active
Selected
reference
(in auto
mode)
Reserved
VCO
calibration
in progress
0x22E
Readback 2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x22F
Readback 3
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Other
0x230
Status signals
Reserved
Reserved
Status Monitor 0 control
0x00
0x231
Reserved
Reserved
Status Monitor 1 control
0x00
0x232
Reserved
Reserved
Reserved
Enable
STATUS_
EEPROM on
STATUS0 pin
STATUS1
pin
divider
enable
STATUS0
pin
divider
enable
Reserved
Sync dividers
(manual
control)
0: sync signal
inactive
1: dividers
held in sync
(same as
SYNC pin low)
0x00
0x233
Power-down
control
Reserved
Reserved
Reserved
Reserved
Reserved
PLL1
power-
down
PLL2
power-down
Distribution
power-down
0x07
0x234
Update all
registers
Reserved
IO_UPDATE
0x00
EEPROM Storage Sequence
0xA00
Serial port
configuration
EEPROM Buffer Segment
Default Setting: Size of transfer: one byte
0x00
0xA01
EEPROM Buffer Segment
Default Setting: Starting address 0x0000
0x00
0xA02
0x00
0xA03
Readback
control and
EEPROM
customer
version ID
EEPROM Buffer Segment
Default Setting: Size of transfer: three bytes
0x02
0xA04
EEPROM Buffer Segment
Default Setting: Starting address 0x0004
0x00
0xA05
0x04
0xA06
Input PLL
(PLL1)
EEPROM Buffer Segment
Default Setting: Size of transfer: 15 bytes
0x0E
0xA07
EEPROM Buffer Segment
Default Setting: Starting address 0x0010
0x00
0xA08
0x10
0xA09
Output PLL
(PLL2)
EEPROM Buffer Segment
Default Setting: Size of transfer: 15 bytes
0x0E
0xA0A
EEPROM Buffer Segment
Default Setting: Starting address 0x00F0
0x00
0xA0B
0xF0
0xA0C
Clock
distribution
EEPROM Buffer Segment
Default Setting: Size of transfer: 44 bytes
0x2B
0xA0D
EEPROM Buffer Segment
Default Setting: Starting address 0x0190
0x01
0xA0E
0x90
0xA0F
Clock input
and REF
EEPROM Buffer Segment
Default Setting: Size of transfer: two bytes
0x01
0xA10
EEPROM Buffer Segment
Default Setting: Starting address 0x01E0
0x01
0xA11
0xE0
0xA12
Other
EEPROM Buffer Segment
Default Setting: Size of transfer: four bytes
0x03
0xA13
EEPROM Buffer Segment
Default Setting: Starting address 0x0230
0x02
0xA14
0x30
0xA15
IO_UPDATE
EEPROM Buffer Segment
Default Setting: Command: IO_UPDATE
0x80
0xA16
End of data
EEPROM Buffer Segment
Default Setting: Command: End of data
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com