Electronic Components Datasheet Search
  English  ▼

X  

AD9523BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 16Page - Analog Devices AD9523BCPZ Datasheet HTML 17Page - Analog Devices AD9523BCPZ Datasheet HTML 18Page - Analog Devices AD9523BCPZ Datasheet HTML 19Page - Analog Devices AD9523BCPZ Datasheet HTML 20Page - Analog Devices AD9523BCPZ Datasheet HTML 21Page - Analog Devices AD9523BCPZ Datasheet HTML 22Page - Analog Devices AD9523BCPZ Datasheet HTML 23Page - Analog Devices AD9523BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 20 of 60
COMPONENT BLOCKS—INPUT PLL (PLL1)
PLL1 General Description
Fundamentally, the input PLL (referred to as PLL1) consists of
a phase/frequency detector (PFD), charge pump, passive loop
filter, and an external VCXO operating in a closed loop.
PLL1 has the flexibility to operate with a loop bandwidth of
approximately 10 Hz to 100 Hz. This relatively narrow loop
bandwidth gives the AD9523 the ability to suppress jitter that
appears on the input references (REFA and REFB). The output
of PLL1 then becomes a low jitter phase-locked version of the
reference input system clock.
PLL1 Reference Clock Inputs
The AD9523 features two separate PLL1 differential reference
clock inputs, REFA and REFB. These inputs can be configured
to operate in full differential mode or single-ended CMOS mode.
In differential mode, these pins are internally self biased. If
REFA or REFB is driven single-ended in differential mode, the
unused side (REFA, REFB) should be decoupled via a suitable
capacitor to a quiet ground. Figure 21 shows the recommended
differential input termination to REFA or REFB. It is possible to
dc couple to these inputs, but the dc operation point should be
set as specified in the Specifications tables.
To operate either the REFA or the REFB inputs in 3.3 V CMOS
mode, set Register 0x01A[6:5] and Register 0x01B[1:0] (see
Table 41 and Table 40). The single-ended inputs can be driven
by either a dc-coupled CMOS level signal or an ac-coupled sine
wave or square wave.
The differential reference input receiver is powered down when
the differential reference input is not selected, or when the PLL
is powered down. The single-ended buffers power-down when
the PLL is powered down, when their respective individual power-
down registers are set, or when the differential receiver is selected.
The REFB R divider uses the same value as the REFA R divider
unless Register 0x01C[7], the enable REFB R divider independent
division control bit, is programmed as shown in Table 43.
OSC_IN Input
The OSC_IN receiver connects to the PLL1 feedback divider
and to the PLL2 PFD through an optional doubler. This input
receiver is identical to the PLL1 REFA and REFB receivers.
Control bits for this receiver are located in Register 0x01A[1:0].
Figure 21 shows the recommended differential input termination
to the OSC_IN receiver.
The OSC_IN receiver is powered down when the PLL1 power-
down bit is set (Register 0x233[2] = 1b). When using the AD9523
in a mode of operation that bypasses PLL1, the PLL1 power-down
bit must be disabled (Register 0x233[2] = 0b).
PLL1 Loop Filter
The PLL1 loop filter requires the connection of an external
capacitor from LF1_EXT_CAP (Pin 7) to ground. The value of
the external capacitor depends on the use of an external VCXO,
as well as such configuration parameters as input clock rate and
desired bandwidth. Normally, a 0.3 µF capacitor allows the loop
bandwidth to range from 10 Hz to 100 Hz and ensures loop
stability over the intended operating parameters of the device (see
Table 44 for RZERO values). The operating loop bandwidth (LBW)
of PLL1 can be used as a metric to estimate the time required for
the PLL to phase lock. In general, PLL1 is phase locked within
10 loop bandwidth time constants, τLBW, where τLBW = 1/LBW.
Therefore, PLL_TO (see Figure 44) equals 10 × τLBW.
RZERO
CPOLE1
RPOLE2
CPOLE2
CHARGE
PUMP
LF1_EXT_CAP
LDO_PLL1
BUFFER
1kΩ
0.3µF
OSC_CTRL
TO VCXO
VTUNE
INPUT
AD9523
Figure 23. PLL1 Loop Filter
Table 20. PLL1 Loop Filter Programmable Values
RZERO
(kΩ)
CPOLE1
(nF)
RPOLE2
(kΩ)
CPOLE2
(nF)
LF1_EXT_CAP1
(µF)
883
1.5 fixed
165 fixed
0.337 fixed
0.3
677
341
135
10
External
1 External loop filter capacitor.
An external RC low-pass filter should be used at the OSC_CTRL
output. The values shown in Figure 23 add an additional low-
pass pole at ~530 Hz. This RC network filters the noise associated
with the OSC_CTRL buffer to achieve the best noise performance
at the 1 kHz offset region.
RZERO
CPOLE1
RPOLE2
LF1_EXT_CAP
SWITCH-
OVER
CONTROL
REFA
REFB
REFA
REFB
REF_SEL
REF_TEST
DIVIDE-BY-
1, 2, ...1023
CHARGE
PUMP
7 BITS,
0.5µA LSB
VDD3_PLL
LDO_PLL1
1.8V LDO
3.3V CMOS
OR 1.8V
DIFFERENTIAL
OSC_CTRL
OSC_IN
DIVIDE-BY-
1, 2, ...1023
DIVIDE-BY-
1, 2, ...1023
DIVIDE-BY-
1, 2, ...63
P
F
D
VCXO
CPOLE2
AD9523
Figure 24. Input PLL (PLL1) Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com