| Electronic Components Datasheet Search |
|
AD9523BCPZ Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9523BCPZ Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 60 page ![]() Data Sheet AD9523 Rev. D | Page 25 of 60 When using the sync dividers bit, the user first sets and then clears the bit. The synchronization event is the clearing operation (that is, the Logic 1 to Logic 0 transition of the bit). The dividers are all automatically synchronized to each other when PLL2 is ready. The dividers support programmable phase offsets from 0 to 63 steps, in half periods of the input clock (for example, the VCO divider output clock). The phase offsets are incorporated in the dividers through a preset for the first output clock period of each divider. Phase offsets are sup-ported only by programming the initial phase and divide value and then issuing a sync to the distribution (automatically at startup or manually, if desired). When using the SYNC pin (Pin 17), there are 11 VCO divider output pipe line delays plus one period of the clock from the rising edge of SYNC to the clock output. There is at least one extra VCO divider period of uncertainty because the SYNC signal and the VCO divider output are asynchronous. In normal operation, the phase offsets are already programmed through the EEPROM or the SPI/I2C port before the AD9523 starts to provide outputs. Although the user cannot adjust the phase offsets while the dividers are operating, it is possible to adjust the phase of all the outputs together without powering down PLL1 and PLL2. This is accomplished by programming the new phase offset, using Register 0x192[7:2] (see Table 51) and then issuing a divider sync signal by using the SYNC pin or the sync dividers bit (Register 0x232[0]). All outputs that are not programmed to ignore the sync are disabled temporarily while the sync is active. Note that, if an output is used for the zero delay path, it also disappears momentarily. However, this is desirable because it ensures that all the synchronized outputs have a deterministic phase relationship with respect to the zero delay output and, therefore, also with respect to the input. FAN OUT VCO OUTPUT DIVIDER SYNC (PIN 17) SYNC SYNC DIVIDERS BIT DIVIDER DRIVER OUTx OUTx OUT SYNC PHASE DIVIDE Figure 27. Clock Output Synchronization Block Diagram DIVIDE = 2, PHASE = 0 DIVIDE = 2, PHASE = 6 VCO DIVIDER OUTPUT CLOCK SYNC CONTROL 6 × 0.5 PERIODS Figure 28. Clock Output Synchronization Timing Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |