Electronic Components Datasheet Search
  English  ▼

X  

AD9523BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 12Page - Analog Devices AD9523BCPZ Datasheet HTML 13Page - Analog Devices AD9523BCPZ Datasheet HTML 14Page - Analog Devices AD9523BCPZ Datasheet HTML 15Page - Analog Devices AD9523BCPZ Datasheet HTML 16Page - Analog Devices AD9523BCPZ Datasheet HTML 17Page - Analog Devices AD9523BCPZ Datasheet HTML 18Page - Analog Devices AD9523BCPZ Datasheet HTML 19Page - Analog Devices AD9523BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 16 of 60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
LVDS = 3.5mA
LVDS = 7mA
Figure 9. Differential Voltage Swing vs. Frequency;
LVDS Mode, 7 mA and 3.5 mA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
600
FREQUENCY (MHz)
20pF
2pF
10pF
Figure 10. Amplitude vs. Frequency and Capacitive Load;
CMOS Mode, 2 pF, 10 pF, and 20 pF
CH1 200mV
2.5ns/DIV
40.0GS/s
A CH1
104mV
1
Figure 11. Output Waveform (Differential), LVPECL at 122.88 MHz
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz, –85.0688dBc/Hz
2: 1kHz, –113.3955dBc/Hz
3: 8kHz, –125.8719dBc/Hz
4: 16kHz, –129.5942dBc/Hz
5: 100kHz, –134.5017dBc/Hz
6: 1MHz, –145.2872dBc/Hz
7: 10MHz, –156.2706dBc/Hz
8: 40MHz, –157.4153dBc/Hz
x:
START 12kHz
STOP 80MHz
CENTER 40.006MHz
SPAN 79.988MHz
NOISE:
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –75.94595dBc/39.99MHz
RMS NOISE: 225.539µRAD
12.9224mdeg
RMS JITTER: 194.746fsec
RESIDUAL FM: 2.81623kHz
1
2
3
4
5
6
7
8
Figure 12. Phase Noise, Output = 184.32 MHz
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950)
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz, –89.0260dBc/Hz
2: 1kHz, –116.9949dBc/Hz
3: 8kHz, –129.5198dBc/Hz
4: 16kHz, –133.3916dBc/Hz
5: 100kHz, –137.7680dBc/Hz
6: 1MHz, –148.3519dBc/Hz
7: 10MHz, –158.3307dBc/Hz
8: 40MHz, 159.1629–dBc/Hz
x:
START 12kHz
STOP 80MHz
CENTER 40.006MHz
SPAN 79.988MHz
NOISE:
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –78.8099dBc/39.99MHz
RMS NOISE: 162.189µRAD
9.29276mdeg
RMS JITTER: 210.069fsec
RESIDUAL FM: 2.27638kHz
1
2
3
4
5
6
7
8
Figure 13. Phase Noise, Output = 122.88 MHz
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950; Doubler Is Off)
CH1
500mV Ω
2.5ns/DIV
40.0GS/s
A CH1
80mV
1
Figure 14. Output Waveform (Differential), HSTL at 16 mA, 122.88 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com