Electronic Components Datasheet Search
  English  ▼

X  

AD9523BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 11Page - Analog Devices AD9523BCPZ Datasheet HTML 12Page - Analog Devices AD9523BCPZ Datasheet HTML 13Page - Analog Devices AD9523BCPZ Datasheet HTML 14Page - Analog Devices AD9523BCPZ Datasheet HTML 15Page - Analog Devices AD9523BCPZ Datasheet HTML 16Page - Analog Devices AD9523BCPZ Datasheet HTML 17Page - Analog Devices AD9523BCPZ Datasheet HTML 18Page - Analog Devices AD9523BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 15 of 60
TYPICAL PERFORMANCE CHARACTERISTICS
fVCXO = 122.88 MHz, REFA differential at 30.72 MHz, fVCO = 3686.4 MHz, and doubler is off, unless otherwise noted.
0
10
20
30
40
50
60
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
HSTL = 16mA
HSTL = 8mA
Figure 3. VDD3_OUT[x:y] Current (Typical) vs. Frequency;
HSTL Mode, 16 mA and 8 mA
0
5
10
15
20
25
30
35
40
45
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
LVDS = 3.5mA
LVDS = 7mA
Figure 4. VDD3_OUT[x:y] Current (Typical) vs. Frequency;
LVDS Mode, 7 mA and 3.5 mA
0
5
10
15
20
25
30
35
40
45
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
Figure 5. VDD3_OUT[x:y] Current (Typical) vs. Frequency,
LVPECL Mode
0
100
200
300
400
500
600
FREQUENCY (MHz)
10pF
20pF
0
5
10
15
20
25
30
35
2pF
Figure 6. VDD3_OUT[x:y] Current (Typical) vs. Frequency;
CMOS Mode, 20 pF, 10 pF, and 2 pF Load
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
HSTL = 8mA
HSTL = 16mA
Figure 7. Differential Voltage Swing vs. Frequency;
HSTL Mode, 16 mA and 8 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
Figure 8. Differential Voltage Swing vs. Frequency,
LVPECL Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com