| Electronic Components Datasheet Search |
|
AD9523BCPZ Datasheet(PDF) 56 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9523BCPZ Datasheet(HTML) 56 Page - Analog Devices |
|
56 / 60 page ![]() AD9523 Data Sheet Rev. D | Page 56 of 60 Table 52. PLL1 Output Control (PLL1_OUT, Pin 72) Address Bits Bit Name Description 0x1BA [7:5] Reserved Reserved 4 PLL1 output CMOS driver strength CMOS driver strength 1: weak 0: strong [3:0] PLL1 output divider 0000: divide-by-1 0001: divide-by-2 (default) 0010: divide-by-4 0100: divide-by-8 1000: divide-by-16 No other inputs permitted Table 53. PLL1 Output Channel Control Address Bits Bit Name Description 0x1BB 7 PLL1 output driver power-down PLL1 output driver power-down [6:4] Reserved Reserved 3 Route VCXO clock to Channel 3 divider input 1: channel uses VCXO clock. Routes VCXO clock to divider input. 0: channel uses VCO divider output clock 2 Route VCXO clock to Channel 2 divider input 1: channel uses VCXO clock. Routes VCXO clock to divider input. 0: channel uses VCO divider output clock 1 Route VCXO clock to Channel 1 divider input 1: channel uses VCXO clock. Routes VCXO clock to divider input. 0: channel uses VCO divider output clock 0 Route VCXO clock to Channel 0 divider input 1: channel uses VCXO clock. Routes VCXO clock to divider input. 0: channel uses VCO divider output clock Readback (Address 0x22C to Address 0x22D) Table 54. Readback Registers (Readback 0 and Readback 1) Address Bits Bit Name Description 0x22C 7 Status PLL2 reference clock 1: OK 0: off/clocks are missing 6 Status PLL1 feedback clock 1: OK 0: off/clocks are missing 5 Status VCXO 1: OK 0: off/clocks are missing 4 Status REF_TEST 1: OK 0: off/clocks are missing 3 Status REFB 1: OK 0: off/clocks are missing 2 Status REFA 1: OK 0: off/clocks are missing 1 Lock detect PLL2 1: locked 0: unlocked 0 Lock detect PLL1 1: locked 0: unlocked 0x22D [7:4] Reserved Reserved 3 Holdover active 1: holdover is active (both references are missing) 0: normal operation 2 Selected reference (in auto mode) Selected reference (applies only when the device automatically selects the reference; for example, not in manual control mode) 1: REFB 0: REFA 1 Reserved Reserved 0 VCO calibration in progress 1: VCO calibration in progress 0: VCO calibration not in progress |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |