Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9524 Datasheet HTML 37Page - Analog Devices AD9524 Datasheet HTML 38Page - Analog Devices AD9524 Datasheet HTML 39Page - Analog Devices AD9524 Datasheet HTML 40Page - Analog Devices AD9524 Datasheet HTML 41Page - Analog Devices AD9524 Datasheet HTML 42Page - Analog Devices AD9524 Datasheet HTML 43Page - Analog Devices AD9524 Datasheet HTML 44Page - Analog Devices AD9524 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Data Sheet
AD9524
Rev. F | Page 41 of 56
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
0x1BA
PLL1 output
control
Reserved
Reserved
Reserved
PLL1 output
CMOS driver
strength
PLL1 output divider
0x00
0x1BB
PLL1 output
channel
control
PLL1
output
driver
power-
down
Reserved
Reserved
Reserved
Reserved
Reserved
Route VCXO
clock to Ch 1
divider input
Route VCXO
clock to Ch 0
divider input
0x80
Readback
0x22C
Readback 0
Status
PLL2
reference
clock
Status
PLL1
feedback
clock
Status
VCXO
Status
REF_TEST
Status
REFB
Status
REFA
Lock detect
PLL2
Lock detect
PLL1
0x22D
Readback 1
Reserved
Reserved
Reserved
Reserved
Holdover
active
Selected
reference
(in auto
mode)
Reserved
VCO
calibration
in progress
Other
0x230
Status signals
Reserved
Reserved
Status Monitor 0 control
0x00
0x231
Reserved
Reserved
Status Monitor 1 control
0x00
0x232
Reserved
Reserved
Reserved
Enable Status_
EEPROM on
STATUS0 pin
STATUS1
pin
divider
enable
STATUS0
pin
divider
enable
Reserved
Sync dividers
(manual
control)
0: sync signal
inactive
1: dividers
held in sync
(same as
SYNC pin low)
0x00
0x233
Power-down
control
Reserved
Reserved
Reserved
Reserved
Reserved
PLL1
power-
down
PLL2
power-down
Distribution
power-down
0x07
0x234
Update all
registers
Reserved
IO_Update
0x00
EEPROM Buffer
0xA00
Serial port
configuration
Size of transfer: one byte
0x00
0xA01
Starting address: 0x0000
0x00
0xA02
0x00
0xA03
Readback
control and
EEPROM
customer
version ID
Size of transfer: three bytes
0x02
0xA04
Starting address: 0x0004
0x00
0xA05
0x04
0xA06
PLL1
Size of transfer: 15 bytes
0x0E
0xA07
Starting address: 0x0010
0x00
0xA08
0x10
0xA09
PECL/CMOS
output
Size of transfer: 15 bytes
0x0E
0xA0A
Starting address: 0x00F0
0x00
0xA0B
0xF0
0xA0C
Dividers
Size of transfer: 44 bytes
0x2B
0xA0D
Starting address: 0x0190
0x01
0xA0E
0x90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com