Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9524 Datasheet HTML 48Page - Analog Devices AD9524 Datasheet HTML 49Page - Analog Devices AD9524 Datasheet HTML 50Page - Analog Devices AD9524 Datasheet HTML 51Page - Analog Devices AD9524 Datasheet HTML 52Page - Analog Devices AD9524 Datasheet HTML 53Page - Analog Devices AD9524 Datasheet HTML 54Page - Analog Devices AD9524 Datasheet HTML 55Page - Analog Devices AD9524 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
AD9524
Data Sheet
Rev. F | Page 56 of 56
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.80 MAX
0.65 TYP
5.50 REF
COPLANARITY
0.08
0.20 REF
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
12° MAX
TOP VIEW
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.50
REF
PIN 1
INDICATOR
0.25 MIN
7.10
7.00 SQ
6.90
6.85
6.75 SQ
6.65
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
Figure 45. 48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
7 × 7 mm Body, Very Thin Quad
(CP-48-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9524BCPZ
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD9524BCPZ-REEL7
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD9524/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2010–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09081-0-9/15(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com