Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9524 Datasheet HTML 3Page - Analog Devices AD9524 Datasheet HTML 4Page - Analog Devices AD9524 Datasheet HTML 5Page - Analog Devices AD9524 Datasheet HTML 6Page - Analog Devices AD9524 Datasheet HTML 7Page - Analog Devices AD9524 Datasheet HTML 8Page - Analog Devices AD9524 Datasheet HTML 9Page - Analog Devices AD9524 Datasheet HTML 10Page - Analog Devices AD9524 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Data Sheet
AD9524
Rev. F | Page 7 of 56
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Capacitance
1
pF
Duty Cycle
Duty cycle bounds are set by pulse width high and pulse width low
Pulse Width Low
1.6
ns
Pulse Width High
1.6
ns
OSC_CTRL OUTPUT CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
High
VDD3_PLL1 − 0.15
V
RLOAD > 20 kΩ
Low
150
mV
REF_TEST INPUT CHARACTERISTICS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REF_TEST INPUT
Input Frequency Range
250
MHz
Input High Voltage
2.0
V
Input Low Voltage
0.8
V
PLL1 CHARACTERISTICS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PLL1 FIGURE OF MERIT (FOM)
−226
dBc/Hz
MAXIMUM PFD FREQUENCY
High is the initial PLL1 antibacklash pulse
width setting. The user must program
Register 0x019[4] = 1b to enable SPI control
of the antibacklash pulse width to the
setting defined in Register 0x019[3:2] and
Table 40.
Antibacklash Pulse Width
Minimum
130
MHz
Low
90
MHz
High
65
MHz
Maximum
45
MHz
PLL1 OUTPUT CHARACTERISTICS
Table 8.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM OUTPUT FREQUENCY
250
MHz
Rise/Fall Time (20% to 80%)
387
665
ps
15 pF load
Duty Cycle
45
50
55
%
f = 250 MHz
OUTPUT VOLTAGE HIGH
Output driver static
VDD3_PLL1 − 0.25
V
Load current = 10 mA
VDD3_PLL1 − 0.1
V
Load current = 1 mA
OUTPUT VOLTAGE LOW
Output driver static
0.2
V
Load current = 10 mA
0.1
V
Load current = 1 mA
1 CMOS driver strength = strong (see Table 53).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com