Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9524 Datasheet HTML 22Page - Analog Devices AD9524 Datasheet HTML 23Page - Analog Devices AD9524 Datasheet HTML 24Page - Analog Devices AD9524 Datasheet HTML 25Page - Analog Devices AD9524 Datasheet HTML 26Page - Analog Devices AD9524 Datasheet HTML 27Page - Analog Devices AD9524 Datasheet HTML 28Page - Analog Devices AD9524 Datasheet HTML 29Page - Analog Devices AD9524 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
AD9524
Data Sheet
Rev. F | Page 26 of 56
RESET MODES
The AD9524 has a power-on reset (POR) and several other ways to
apply a reset condition to the chip.
Power-On Reset
During chip power-up, a power-on reset pulse is issued when
3.3 V supply reaches ~2.6 V (<2.8 V) and restores the chip
either to the setting stored in EEPROM (EEPROM pin = 1) or
to the on-chip setting (EEPROM pin = 0). At power-on, the
AD9524 executes a SYNC operation, which brings the outputs
into phase alignment according to the default settings. The
output drivers are held in sync for the duration of the internally
generated power-up sync timer (~70 ms). The outputs begin to
toggle after this period.
Reset via the RESET Pin
RESET, a reset (an asynchronous hard reset is executed by briefly
pulling RESET low), restores the chip either to the setting stored in
EEPROM (EEPROM pin = 1) or to the on-chip setting (EEPROM
pin = 0). A reset also executes a sync operation, which brings the
outputs into phase alignment according to the default settings.
When EEPROM is inactive (EEPROM pin = 0), it takes ~2 µs for
the outputs to begin toggling after RESET is issued. When
EEPROM is active (EEPROM pin = 1), it takes ~40 ms for the
outputs to toggle after RESET is brought high.
Reset via the Serial Port
The serial port control register allows for a reset by setting Bit 2
and Bit 5 in Register 0x000. When Bit 5 and Bit 2 are set, the
chip enters a reset mode and restores the chip either to the setting
stored in EEPROM (EEPROM pin = 1) or to the on-chip setting
(EEPROM pin = 0), except for Register 0x000. Except for the
self clearing bits, Bit 2 and Bit 5, Register 0x000 retains its
previous value prior to reset. During the internal reset, the
outputs hold static. Bit 2 and Bit 5 are self clearing. However,
the self clearing operation does not complete until an additional
serial port SCLK cycle completes, and the AD9524 is held in
reset until Bit 2 and Bit 5 self clear.
Reset to Settings in EEPROM when EEPROM Pin = 0 via the
Serial Port
The serial port control register allows the chip to be reset to settings
in EEPROM when the EEPROM pin = 1 via Register 0xB02, Bit 1.
This bit is self clearing. This bit does not have any effect when the
EEPROM pin = 0. It takes ~40 ms for the outputs to begin toggling
after the Soft_EEPROM register is cleared.
POWER-DOWN MODE
Chip Power-Down via PD
Place the AD9524 into a power-down mode by pulling the PD pin
low. Power-down turns off most of the functions and currents
inside the AD9524. The chip remains in this power-down state
until PD is returned to a logic high state. When taken out of power-
down mode, the AD9524 returns to the settings programmed into
its registers prior to the power-down, unless the registers are
changed by new programming while the PD pin is held low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com