Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9524 Datasheet HTML 45Page - Analog Devices AD9524 Datasheet HTML 46Page - Analog Devices AD9524 Datasheet HTML 47Page - Analog Devices AD9524 Datasheet HTML 48Page - Analog Devices AD9524 Datasheet HTML 49Page - Analog Devices AD9524 Datasheet HTML 50Page - Analog Devices AD9524 Datasheet HTML 51Page - Analog Devices AD9524 Datasheet HTML 52Page - Analog Devices AD9524 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Data Sheet
AD9524
Rev. F | Page 49 of 56
Table 50. PLL2 Loop Filter Control
Address
Bits
Bit Name
Description
0x0F5
[7:6]
Pole 2 resistor (RPOLE2)
Bit 7
Bit 6
RPOLE2
(Ω)
0
0
900
0
1
450
1
0
300
1
1
225
[5:3]
Zero resistor (RZERO)
Bit 5
Bit 4
Bit 3
RZERO
(Ω)
0
0
0
3250
0
0
1
2750
0
1
0
2250
0
1
1
2100
1
0
0
3000
1
0
1
2500
1
1
0
2000
1
1
1
1850
[2:0]
Pole 1 capacitor (CPOLE1)
Bit 2
Bit 1
Bit 0
CPOLE1
(pF)
0
0
0
0
0
0
1
8
0
1
0
16
0
1
1
24
1
0
0
24
1
0
1
32
1
1
0
40
1
1
1
48
0x0F6
[7:1]
Reserved
Reserved.
0
Bypass internal RZERO
resistor
Bypasses the internal RZERO resistor (RZERO = 0 Ω). Requires the use of a series external zero resistor.
This bit is the MSB of the loop filter control register (Address 0x0F5 and Address 0x0F6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com