Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9524 Datasheet HTML 8Page - Analog Devices AD9524 Datasheet HTML 9Page - Analog Devices AD9524 Datasheet HTML 10Page - Analog Devices AD9524 Datasheet HTML 11Page - Analog Devices AD9524 Datasheet HTML 12Page - Analog Devices AD9524 Datasheet HTML 13Page - Analog Devices AD9524 Datasheet HTML 14Page - Analog Devices AD9524 Datasheet HTML 15Page - Analog Devices AD9524 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
AD9524
Data Sheet
Rev. F | Page 12 of 56
ABSOLUTE MAXIMUM RATINGS
Table 17.
Parameter
Rating
VDD3_PLL1, VDD3_PLL2, VDD3_REF,
VDD3_OUT, LDO_VCO to GND
−0.3 V to +3.6 V
REFA, REFA, REFIN, REFB, REFB to GND
−0.3 V to +3.6 V
SCLK/SCL, SDIO/SDA, SDO, CS to GND
−0.3 V to +3.6 V
OUT0, OUT0, OUT1, OUT1, OUT2, OUT2,
OUT3, OUT3, OUT4, OUT4, OUT5, OUT5,
to GND
−0.3 V to +3.6 V
SYNC, RESET, PD to GND
−0.3 V to +3.6 V
STATUS0, STATUS1 to GND
−0.3 V to +3.6 V
SP0, SP1, EEPROM_SEL to GND
−0.3 V to +3.6 V
VDD1.8_OUT, LDO_PLL1, LDO_PLL2 to
GND
2 V
Storage Temperature Range
−65°C to +150°C
Lead Temperature (10 sec)
300°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress rating
only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 18. Thermal Resistance
Package Type
Airflow
Velocity
(m/sec)
θJA1, 2
θJC1, 3
θJB1, 4
ΨJT1,2
Unit
48-Lead LFCSP,
7 mm ×
7 mm
0
26.1
1.7
13.8
0.2
°C/W
1.0
22.8
0.2
°C/W
2.5
20.4
0.3
°C/W
1 Per JEDEC 51-7, plus JEDEC 51-5 2S2P test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3 Per MIL-Std 883, Method 1012.1.
4 Per JEDEC JESD51-8 (still air).
For information about power dissipation, refer to the Power
Dissipation and Thermal Considerations section.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com