Electronic Components Datasheet Search
  English  ▼

X  

AD9540 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 4 Page - Analog Devices

  AD9540 Datasheet HTML 1Page - Analog Devices AD9540 Datasheet HTML 2Page - Analog Devices AD9540 Datasheet HTML 3Page - Analog Devices AD9540 Datasheet HTML 4Page - Analog Devices AD9540 Datasheet HTML 5Page - Analog Devices AD9540 Datasheet HTML 6Page - Analog Devices AD9540 Datasheet HTML 7Page - Analog Devices AD9540 Datasheet HTML 8Page - Analog Devices AD9540 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9540
Data Sheet
Rev. C | Page 4 of 32
SPECIFICATIONS
AVDD = DVDD = 1.8 V ± 5%; DVDD_I/O = CP_VDD = 3.3 V ± 5% (@ TA = 25°C), DAC_RSET = 3.92 kΩ, CP_RSET = 3.09 kΩ,
DRV_RSET = 4.02 kΩ, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TOTAL SYSTEM JITTER AND PHASE NOISE FOR
105 MHz ADC CLOCK GENERATION CIRCUIT
Converter Limiting Jitter1
720
fS rms
Resultant Signal-to-Noise Ratio (SNR)
59.07
dB
Phase Noise of Fundamental
@ 10 Hz Offset
80
dBc/Hz
@ 100 Hz Offset
92
dBc/Hz
@ 1 kHz Offset
101
dBc/Hz
@ 10 kHz Offset
110
dBc/Hz
@ 100 kHz Offset
147
dBc/Hz
≥1 MHz Offset
153
dBc/Hz
TOTAL SYSTEM PHASE NOISE FOR 210 MHz
ADC CLOCK GENERATION CIRCUIT
Phase Noise of Fundamental
@ 10 Hz Offset
79.2
dBc/Hz
@ 100 Hz Offset
86
dBc/Hz
@ 1 kHz Offset
95
dBc/Hz
@ 10 kHz Offset
105
dBc/Hz
@ 100 kHz Offset
144
dBc/Hz
@ 1 MHz Offset
151
dBc/Hz
TOTAL SYSTEM TIME JITTER FOR CLOCKS
155.52 MHz Clock
581
fS rms
12 kHz to 1.3 MHz bandwidth
622.08 MHz Clock
188
fS rms
12 kHz to 5 MHz bandwidth
RF DIVIDER/CML DRIVER EQUIVALENT
INTRINSIC TIME JITTER
FIN = 414.72 MHz, FOUT = 51.84 MHz
136
fS rms
R = 8, BW = 12 kHz to 400 kHz
FIN = 1244.16 MHz, FOUT = 155.52 MHz
101
fS rms
R = 8, BW = 12 kHz to 1.3 MHz
FIN = 2488.32 MHz, FOUT = 622.08 MHz
108
fS rms
R = 4, BW = 12 kHz to 5 MHz
RF DIVIDER/CML DRIVER RESIDUAL PHASE NOISE
FIN = 81.92 MHz, FOUT = 10.24 MHz
RF Divider R = 8
@ 10 Hz
120
dBc/Hz
@ 100 Hz
128
dBc/Hz
@ 1 kHz
137
dBc/Hz
@ 10 kHz
145
dBc/Hz
@ 100 kHz
150
dBc/Hz
≥1 MHz
153
dBc/Hz
FIN = 983.04 MHz, FOUT = 122.88 MHz
RF Divider R = 8
@ 10 Hz
115
dBc/Hz
@ 100 Hz
125
dBc/Hz
@ 1 KHz
132
dBc/Hz
@ 10 kHz
142
dBc/Hz
@ 100 kHz
146
dBc/Hz
@ 1 MHz
151
dBc/Hz
>3 MHz
153
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com