Electronic Components Datasheet Search
  English  ▼

X  

AD9540 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9540 Datasheet HTML 20Page - Analog Devices AD9540 Datasheet HTML 21Page - Analog Devices AD9540 Datasheet HTML 22Page - Analog Devices AD9540 Datasheet HTML 23Page - Analog Devices AD9540 Datasheet HTML 24Page - Analog Devices AD9540 Datasheet HTML 25Page - Analog Devices AD9540 Datasheet HTML 26Page - Analog Devices AD9540 Datasheet HTML 27Page - Analog Devices AD9540 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9540
Data Sheet
Rev. C | Page 24 of 32
REGISTER MAP AND DESCRIPTION
Table 4. Register Map
Register
Name
(Serial
Address)
Bit
Range
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value/
Profile
Control
Function
Register 1
(CFR1)
(0x00)
[31:24]
Open1
Open1
Open1
Open1
Open1
Open1
Open1
STATUS_Error
0x00
[23:16]
Load SRR @
I/O_UPDATE
Auto-
Clear
Freq.
Accum.
Auto-
Clear
Phase
Accum.
Enable
Sine
Output
Clear
Freq.
Accum.
Clear
Phase
Accum.
Open1
Open1
0x00
[15:8]
LSB First
SDI/O
Input
Only
Open1
Open1
Open1
Open1
Open1
Open1
0x00
[7:0]
Digital
Power-
Down
PFD
Input
Power-
Down
REFIN
Cyrstal
Enable
SYNC_CLK
Out
Disable
Auto
Sync
Multiple
AD9540s
Software
Manual
Sync
Hardware
Manual
Sync
High Speed
Sync Enable
0x00
Control
Function
Register 2
(CFR2)
(0x01)
[39:32]
DAC Power-
Down
Open1
Open1
Open1
Open1
Open1
Internal
Band Gap
Power-
Down
Internal CML
Driver
DRV_RSET
0x00
[31:24]
Clock Driver Rising Edge [31:29]
Clock Driver Falling Edge Control
[28:26]
PLL Lock
Detect
Enable
PLL Lock
Detect Mode
0x00
[23:16]
RF Divider
Power-
Down
RF Divider
Ratio[22:21]
Clock
Driver
Power-
Down
Clock Driver Input
Select [19:18]
Slew Rate
Control
RF Div CLK1
Mux Bit
0x78
[15:8]
Divider N Control[15:12]
Divider M Control[11:8]
0x00
[7:0]
Open1
Open1
CP
Polarity
CP Full PD
CP Quick
PD
CP Current Scale[2:0]
0x07
Rising Delta
Frequency
Tuning
Word
(RDFTW)
(0x02)
[23:16]
Rising Delta Frequency Tuning Word [23:16]
0x00
[15:8]
Rising Delta Frequency Tuning Word [15:8]
0x00
[7:0]
Rising Delta Frequency Tuning Word [7:0]
0x00
Falling
Delta
Frequency
Tuning
Word
(FDFTW)
(0x03)
[23:16]
Falling Delta Frequency Tuning Word [23:16]
0x00
[15:8]
Falling Delta Frequency Tuning Word [15:8]
0x00
[7:0]
Falling Delta Frequency Tuning Word [7:0]
0x00
Rising
Sweep
Ramp Rate
(RSRR)
(0x04)
[15:8]
Rising Sweep Ramp Rate [15:8]
0x00
[7:0]
Rising Sweep Ramp Rate [7:0]
0x00
Falling
Sweep
Ramp Rate
(FSRR)
(0x05)
[15:8]
Falling Sweep Ramp Rate [15:8]
0x00
[7:0]
Falling Sweep Ramp Rate [7:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com