Electronic Components Datasheet Search
  English  ▼

X  

AD9540 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9540 Datasheet HTML 21Page - Analog Devices AD9540 Datasheet HTML 22Page - Analog Devices AD9540 Datasheet HTML 23Page - Analog Devices AD9540 Datasheet HTML 24Page - Analog Devices AD9540 Datasheet HTML 25Page - Analog Devices AD9540 Datasheet HTML 26Page - Analog Devices AD9540 Datasheet HTML 27Page - Analog Devices AD9540 Datasheet HTML 28Page - Analog Devices AD9540 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD9540
Rev. C | Page 25 of 32
Register
Name
(Serial
Address)
Bit
Range
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value/
Profile
Profile
Control
Register 0
(PCR0)
(0x06)
[63:56]
Open1
Phase Offset Word 0 (POW0) [13:8]
0x00
[55:48]
Phase Offset Word 0 (POW0) [7:0]
0x00
[47:40]
Frequency Tuning Word 0 (FTW0) [47:40]
0x00
[39:32]
Frequency Tuning Word 0 (FTW0) [39:32]
0x00
[31:24]
Frequency Tuning Word 0 (FTW0) [31:24]
0x00
[23:16]
Frequency Tuning Word 0 (FTW0) [23:16]
0x00
[15:8]
Frequency Tuning Word. 0 (FTW0) [15:8]
0x00
[7:0]
Frequency Tuning Word 0 (FTW0) [7:0]
0x00
Profile
Control
Register 1
(PCR1)
(0x07)
[63:56]
Open1
Phase Offset Word 1 (POW1) [13:8]
0x00
[55:48]
Phase Offset Word 1 (POW1) [7:0]
0x00
[47:40]
Frequency Tuning Word 1 (FTW1) [47:40]
0x00
[39:32]
Frequency Tuning Word 1 (FTW1) [39:32]
0x00
[31:24]
Frequency Tuning Word 1 (FTW1) [31:24]
0x00
[23:16]
Frequency Tuning Word 1 (FTW1) [23:16]
0x00
[15:8]
Frequency Tuning Word 1 (FTW1) [15:8]
0x00
[7:0]
Frequency Tuning Word 1 (FTW1) [7:0]
0x00
Profile
Control
Register 2
(PCR2)
(0x08)
[63:56]
Open1
Phase Offset Word 2 (POW2) [13:8]
0x00
[55:48]
Phase Offset Word 2 (POW2) [7:0]
0x00
[47:40]
Frequency Tuning Word 2 (FTW1) [47:40]
0x00
[39:32]
Frequency Tuning Word 2 (FTW2) [39:32]
0x00
[31:24]
Frequency Tuning Word 2 (FTW2) [31:24]
0x00
[23:16]
Frequency Tuning Word 2 (FTW2) [23:16]
0x00
[15:8]
Frequency Tuning Word 2 (FTW2) [15:8]
0x00
[7:0]
Frequency Tuning Word 2 (FTW2) [7:0]
0x00
Profile
Control
Register 3
(PCR3)
(0x09)
[63:56]
Open1
Phase Offset Word 3 (POW3) [13:8]
0x00
[55:48]
Phase Offset Word 3 (POW3) [7:0]
0x00
[47:40]
Frequency Tuning Word 3 (FTW3) [47:40]
0x00
[39:32]
Frequency Tuning Word 3 (FTW3) [39:32]
0x00
[31:24]
Frequency Tuning Word 3 (FTW3) [31:24]
0x00
[23:16]
Frequency Tuning Word 3 (FTW3) [23:16]
0x00
[15:8]
Frequency Tuning Word 3 (FTW3) [15:8]
0x00
[7:0]
Frequency Tuning Word 3 (FTW3) [7:0]
0x00
Profile
Control
Register 4
(PCR4)
(0x0A)
[63:56]
Open1
Phase Offset Word 4 (POW4) [13:8]
0x00
[55:48]
Phase Offset Word 4 (POW4) [7:0]
0x00
[47:40]
Frequency Tuning Word. 4 (FTW4) [47:40]
0x00
[39:32]
Frequency Tuning Word 4 (FTW4) [39:32]
0x00
[31:24]
Frequency Tuning Word 4 (FTW4) [31:24]
0x00
[23:16]
Frequency Tuning Word 4 (FTW4) [23:16]
0x00
[15:8]
Frequency Tuning Word 4 (FTW4) [15:8]
0x00
[7:0]
Frequency Tuning Word 4 (FTW4) [7:0]
0x00
Profile
Control
Register 5
(PCR5)
(0x0B)
[63:56]
Open1
Phase Offset Word 5 (POW5) [13:8]
0x00
[55:48]
Phase Offset Word 5 (POW5) [7:0]
0x00
[47:40]
Frequency Tuning Word 5 (FTW5) [47:40]
0x00
[39:32]
Frequency Tuning Word 5 (FTW5) [39:32]
0x00
[31:24]
Frequency Tuning Word 5 (FTW5) [31:24]
0x00
[23:16]
Frequency Tuning Word 5 (FTW5) [23:16]
0x00
[15:8]
Frequency Tuning Word 5 (FTW5) [15:8]
0x00
[7:0]
Frequency Tuning Word 5 (FTW5) [7:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com