Electronic Components Datasheet Search
  English  ▼

X  

AD9540 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9540 Datasheet HTML 22Page - Analog Devices AD9540 Datasheet HTML 23Page - Analog Devices AD9540 Datasheet HTML 24Page - Analog Devices AD9540 Datasheet HTML 25Page - Analog Devices AD9540 Datasheet HTML 26Page - Analog Devices AD9540 Datasheet HTML 27Page - Analog Devices AD9540 Datasheet HTML 28Page - Analog Devices AD9540 Datasheet HTML 29Page - Analog Devices AD9540 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9540
Data Sheet
Rev. C | Page 26 of 32
Register
Name
(Serial
Address)
Bit
Range
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value/
Profile
Profile
Control
Register 6
(PCR6)
(0x0C)
[63:56]
Open1
Phase Offset Word 6 (POW6) [13:8]
0x00
[55:48]
Phase Offset Word 6 (POW6) [7:0]
0x00
[47:40]
Frequency Tuning Word 6 (FTW6) [47:40]
0x00
[39:32]
Frequency Tuning Word 6 (FTW6) [39:32]
0x00
[31:24]
Frequency Tuning Word 6 (FTW6) [31:24]
0x00
[23:16]
Frequency Tuning Word 6 (FTW6) [23:16]
0x00
[15:8]
Frequency Tuning Word 6 (FTW6) [15:8]
0x00
[7:0]
Frequency Tuning Word 6 (FTW6) [7:0]
0x00
Profile
Control
Register 7
(PCR7)
(0x0D)
[63:56]
Open1
Phase Offset Word 7 (POW7) [13:8]
0x00
[55:48]
Phase Offset Word 7 (POW7) [7:0]
0x00
[47:40]
Frequency Tuning Word 7 (FTW7) [47:40]
0x00
[39:32]
Frequency Tuning Word 7 (FTW7) [39:32]
0x00
[31:24]
Frequency Tuning Word 7 (FTW7) [31:24]
0x00
[23:16]
Frequency Tuning Word 7 (FTW7) [23:16]
0x00
[15:8]
Frequency Tuning Word 7 (FTW7) [15:8]
0x00
[7:0]
Frequency Tuning Word 7 (FTW7) [7:0]
0x00
1
In all cases, Open bits must be written to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com