Electronic Components Datasheet Search
  English  ▼

X  

AD9540 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9540 Datasheet HTML 6Page - Analog Devices AD9540 Datasheet HTML 7Page - Analog Devices AD9540 Datasheet HTML 8Page - Analog Devices AD9540 Datasheet HTML 9Page - Analog Devices AD9540 Datasheet HTML 10Page - Analog Devices AD9540 Datasheet HTML 11Page - Analog Devices AD9540 Datasheet HTML 12Page - Analog Devices AD9540 Datasheet HTML 13Page - Analog Devices AD9540 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9540
Data Sheet
Rev. C | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
AVDD
AGND
AVDD
IOUT
IOUT
AVDD
AGND
I/O_RESET
RESET
DVDD
DGND
CP_VDD
AGND
OUT0
OUT0
CP_VDD
AGND
CLK1
CLK1
AVDD
AGND
DVDD
CP_OUT
NOTES
1. THE EXPOSED PADDLE ON THIS PACKAGE IS AN ELECTRICAL
CONNECTION AS WELL AS A THERMAL ENHANCEMENT.
IN ORDER FOR THE DEVICE TO FUNCTION PROPERLY,
THE PADDLE MUST BE ATTACHED TO ANALOG GROUND.
1
2
3
4
5
6
7
8
9
10
11
12
35
36
34
33
32
31
30
29
28
27
26
25
AD9540
TOP VIEW
(Not to Scale)
Figure 3. 48-Lead LFCSP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 8, 26, 30,
34, 37, 43,
AGND
Analog Ground.
2, 4, 7, 27, 38,
44, 48
AVDD
Analog Core Supply (1.8 V).
5
IOUT
DAC Analog Output.
6
IOUT
DAC Analog Complementary Output.
9
I/O_RESET
Resets the serial port when synchronization is lost in communications but does not reset the
device itself (active high). When not being used, this pin should be forced low, because it floats to
the threshold value.
10
RESET
Master Reset. Clears all accumulators and returns all registers to their default values (active high).
11, 25
DVDD
Digital Core Supply (1.8 V).
12, 24
DGND
Digital Ground.
13
SDO
Serial Data Output. Used only when the device is programmed for 3-wire serial data mode.
14
SDI/O
Serial Data Input/Output. When the part is programmed for 3-wire serial data mode, this is input
only; in 2-wire mode, it serves as both the input and output.
15
SCLK
Serial Data Clock. Provides the clock signal for the serial data port.
16
CS
Active Low Signal That Enables Shared Serial Buses. When brought high, the serial port ignores the
serial data clocks.
17
DVDD_I/O
Digital Interface Supply (3.3 V).
18
SYNC_OUT
Synchronization Clock Output.
19
SYNC_IN/STATUS
Bidirectional Dual Function Pin. Depending on device programming, this pin is either the direct
digital synthesizer’s (DDS) synchronization input (allows alignment of multiple subclocks), or the PLL
lock detect output signal.
20
I/O_UPDATE
This input pin, when set high, transfers the data from the I/O buffers to the internal registers on the
rising edge of the internal SYNC_CLK, which can be observed on SYNC_OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com