Electronic Components Datasheet Search
  English  ▼

X  

AD9540 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9540 Datasheet HTML 7Page - Analog Devices AD9540 Datasheet HTML 8Page - Analog Devices AD9540 Datasheet HTML 9Page - Analog Devices AD9540 Datasheet HTML 10Page - Analog Devices AD9540 Datasheet HTML 11Page - Analog Devices AD9540 Datasheet HTML 12Page - Analog Devices AD9540 Datasheet HTML 13Page - Analog Devices AD9540 Datasheet HTML 14Page - Analog Devices AD9540 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9540
Rev. C | Page 11 of 32
Pin No.
Mnemonic
Description
21, 22, 23
S0, S1, S2
Clock Frequency and Delay Select Pins. These pins specify one of eight clock frequency/delay
profiles.
28
CLK1
RF Divider and Internal Clock Complementary Input.
29
CLK1
RF Divider and Internal Clock Input.
31, 35
CP_VDD
Charge Pump and CML Driver Supply Pin. 3.3 V analog (clean) supply.
32
OUT0
CML Driver Complementary Output.
33
OUT0
CML Driver Output.
36
CP_OUT
Charge Pump Output.
39
REFIN
Phase Frequency Detector Reference Input.
40
REFIN
Phase Frequency Detector Reference Complementary Input.
41
CLK2
Phase Frequency Detector Oscillator (Feedback) Complementary Input.
42
CLK2
Phase Frequency Detector Oscillator (Feedback) Input.
45
CP_RSET
Charge Pump Current Set. Program charge pump current with a resistor to AGND.
46
DRV_RSET
CML Driver Output Current Set. Program CML output current with a resistor to AGND.
47
DAC_RSET
DAC Output Current Set. Program DAC output current with a resistor to AGND.
Paddle
Exposed Paddle
The exposed paddle on this package is an electrical connection as well as a thermal enhancement.
In order for the device to function properly, the paddle must be attached to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com