Electronic Components Datasheet Search
  English  ▼

X  

PCT2202 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 12Page - NXP Semiconductors PCT2202 Datasheet HTML 13Page - NXP Semiconductors PCT2202 Datasheet HTML 14Page - NXP Semiconductors PCT2202 Datasheet HTML 15Page - NXP Semiconductors PCT2202 Datasheet HTML 16Page - NXP Semiconductors PCT2202 Datasheet HTML 17Page - NXP Semiconductors PCT2202 Datasheet HTML 18Page - NXP Semiconductors PCT2202 Datasheet HTML 19Page - NXP Semiconductors PCT2202 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
16 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
10. Characteristics
Table 17.
Characteristics
Tamb =+25 C and VDD = 1.65 V to 1.95 V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Temperature input
temperature range
40
-
+125
C
Tacc
temperature accuracy
0
C to +85 C-
0.5
1
C
40 C to +125 C-
1
2
C
temperature vs. supply
voltage
-0.2
0.5
C/V
Tres
temperature resolution
-
0.0625
-
C
Digital input/output
VIH
HIGH-level input voltage
0.7
 V
DD
-1.95
V
VIL
LOW-level input voltage
0.5
-
0.3
 V
DD
V
II
input current
VI = 0 V to 1.95 V
-
-
1
A
VOL
LOW-level output voltage
SDA pin; IOL =3mA
0
-
0.2
 V
DD
V
ALERT pin; IOL =3mA
0
-
0.2
 V
DD
V
resolution
-
12
-
bit
tconv
conversion time
-
26
35
ms
conversion modes
CR1 = 0; CR0 = 0
-
0.25
-
conv/s
CR1 = 0; CR0 = 1
-
1
-
conv/s
CR1 = 1; CR0 = 0 (default)
-
4
-
conv/s
CR1 = 1; CR0 = 1
-
8
-
conv/s
tto
time-out time
-
30
40
ms
Power supply
operating supply voltage
+1.65
-
+1.95
V
Iq
quiescent current
serial bus inactive;
CR1 = 1, CR0 = 0 (default)
-30
45
A
serial bus active; fSCL = 400 kHz
-
40
-
A
serial bus active; fSCL =3.4 MHz
-
45
-
A
Isd
shutdown current
serial bus inactive
-
0.5
1
A
serial bus active; fSCL = 400 kHz
-
7
-
A
serial bus active; fSCL =3.4 MHz
-
12
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com