Electronic Components Datasheet Search
  English  ▼

X  

PCT2202 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 7Page - NXP Semiconductors PCT2202 Datasheet HTML 8Page - NXP Semiconductors PCT2202 Datasheet HTML 9Page - NXP Semiconductors PCT2202 Datasheet HTML 10Page - NXP Semiconductors PCT2202 Datasheet HTML 11Page - NXP Semiconductors PCT2202 Datasheet HTML 12Page - NXP Semiconductors PCT2202 Datasheet HTML 13Page - NXP Semiconductors PCT2202 Datasheet HTML 14Page - NXP Semiconductors PCT2202 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
11 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
7.3.8 R1, R0 - Converter resolution bits
R1 and R0 are read-only bits. The PCT2202 converter resolution is set on start-up to ‘11’.
This sets the Temperature register to a 12-bit resolution.
7.3.9 OS - One-shot/conversion ready
The PCT2202 features a One-shot temperature measurement mode. When the device is
in Shut-down mode, writing a ‘1’ to the OS bit starts a single temperature conversion.
During the conversion, the OS bit reads ‘0’. The device returns to the shut-down state at
the completion of the single conversion. After the conversion, the OS bit reads ‘1’. This
feature is useful for reducing power consumption in the PCT2202 when continuous
temperature monitoring is not required.
As a result of the short conversion time, the PCT2202 can achieve a higher conversion
rate. A single conversion typically takes 26 ms and a read can take place in less than
20
s. When using One-shot mode, 30 or more conversions per second are possible.
7.4 High-limit and low-limit registers
In Comparator mode (TM = 0), the ALERT pin becomes active when the temperature
equals or exceeds the value in THIGH and generates a consecutive number of faults
according to fault bits F1 and F0. The ALERT pin remains active until the temperature falls
below the indicated TLOW value for the same number of faults.
In Interrupt mode (TM = 1), the ALERT pin becomes active when the temperature equals
or exceeds the value in THIGH for a consecutive number of fault conditions (as shown in
Table 12). The ALERT pin remains active until a read operation of any register occurs, or
the device successfully responds to the SMBus Alert Response address. The ALERT pin
will also be cleared if the device is placed in Shut-down mode. Once the ALERT pin is
cleared, it becomes active again only when temperature falls below TLOW, and remains
active until cleared by a read operation of any register or a successful response to the
SMBus Alert Response address. Once the ALERT pin is cleared, the above cycle repeats,
with the ALERT pin becoming active when the temperature equals or exceeds THIGH. The
ALERT pin can also be cleared by resetting the device with the General Call Reset
command. This action also clears the state of the internal registers in the device, returning
the device to Comparator mode (TM = 0).
Both operational modes are represented in Figure 6. Table 13 and Table 14 describe the
format for the THIGH and TLOW registers. Note that the most significant byte is sent first,
followed by the least significant byte. Power-up reset values for THIGH and TLOW are:
THIGH =+80 C and TLOW =+75 C. The format of the data for THIGH and TLOW is exactly
the same as the Temperature register — binary two’s complement format.
Table 12.
PCT2202 fault settings
F1
F0
Consecutive faults
00
1
01
2
10
4
11
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com