Electronic Components Datasheet Search
  English  ▼

X  

PCT2202 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCT2202 Datasheet HTML 1Page - NXP Semiconductors PCT2202 Datasheet HTML 2Page - NXP Semiconductors PCT2202 Datasheet HTML 3Page - NXP Semiconductors PCT2202 Datasheet HTML 4Page - NXP Semiconductors PCT2202 Datasheet HTML 5Page - NXP Semiconductors PCT2202 Datasheet HTML 6Page - NXP Semiconductors PCT2202 Datasheet HTML 7Page - NXP Semiconductors PCT2202 Datasheet HTML 8Page - NXP Semiconductors PCT2202 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
2 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
Battery management
Thermostat controls
Electromechanical device temperatures
General temperature measurements:
Industrial controls
Test equipment
Medical instrumentation
4.
Ordering information
[1]
x = work week of assembly operation.
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCT2202UK
22x[1]
WLCSP6
wafer level chip-size package; 6 bumps; 0.69
 1.09  0.382 mm
(backside coating included)
PCT2202UK
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature range
PCT2202UK
PCT2202UKZ
WLCSP6
Reel 7” Q1/T1
*special mark chips dry pack
3000
Toper = 55 C to +125 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com