Electronic Components Datasheet Search
  English  ▼

X  

PCT2202 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCT2202
Description  Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2202 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCT2202 Datasheet HTML 16Page - NXP Semiconductors PCT2202 Datasheet HTML 17Page - NXP Semiconductors PCT2202 Datasheet HTML 18Page - NXP Semiconductors PCT2202 Datasheet HTML 19Page - NXP Semiconductors PCT2202 Datasheet HTML 20Page - NXP Semiconductors PCT2202 Datasheet HTML 21Page - NXP Semiconductors PCT2202 Datasheet HTML 22Page - NXP Semiconductors PCT2202 Datasheet HTML 23Page - NXP Semiconductors PCT2202 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
PCT2202
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 14 August 2015
20 of 30
NXP Semiconductors
PCT2202
Ultra low power, 1.8 V, 1 deg. C accuracy, I2C-bus digital temp sensor
(1) The value of A0 and A1 bits are determined by the A0 pin.
(2) Master should leave SDA HIGH to terminate a single-byte read operation.
(3) Master should leave SDA HIGH to terminate a two-byte read operation.
Fig 16. I2C-bus timing diagram for ‘read word’ format
1
9
1
9
SCL
SDA
10
0
1
0
A1(1)
A0(1)
R/W
ACK by
PCT2202
P1
P0
ACK by
PCT2202
00
00
00
START
by master
Frame 1 I2C-bus slave address byte
Frame 2 Pointer register byte
1
9
1
9
SCL
(cont.)
SDA
(cont.)
ACK by
PCT2202
D7
D6
D5
D4
D3
ACK by
master(2)
D2
D1
D0
Frame 3 I2C-bus slave address byte
Frame 4 Data byte 1 read register
002aah467
1
9
SCL
(cont.)
SDA
(cont.)
D7
D6
D5
D4
D3
ACK by
master(3)
D2
D1
D0
STOP
by master
Frame 5 Data byte 2 read register
10
0
1
0
A1(1)
A0(1)
R/W
START
by master
from
PCT2202
STOP
by master
from
PCT2202
(1) The value of A0 and A1 bits are determined by the A0 pin.
Fig 17. Timing diagram for SMBus ALERT
1
9
1
9
SCL
SDA
00
0
1
1
002aah468
R/W
ACK by
PCT2202
status
NACK by
master
10
01
START
by master
Frame 1 SMBus ALERT Response Address byte
Frame 2 slave address from PCT2202
ALERT
00
STOP by
master
from
PCT2202
A1
A0
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com