Electronic Components Datasheet Search
  English  ▼

X  

AD5932 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5932 Datasheet HTML 2Page - Analog Devices AD5932 Datasheet HTML 3Page - Analog Devices AD5932 Datasheet HTML 4Page - Analog Devices AD5932 Datasheet HTML 5Page - Analog Devices AD5932 Datasheet HTML 6Page - Analog Devices AD5932 Datasheet HTML 7Page - Analog Devices AD5932 Datasheet HTML 8Page - Analog Devices AD5932 Datasheet HTML 9Page - Analog Devices AD5932 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5932
Data Sheet
Rev. C | Page 6 of 28
TIMING SPECIFICATIONS
All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and are timed from a voltage level of (VIL + VIH)/2 (see Figure 3 to
Figure 6). DVDD = 2.3 V to 5.5 V; AGND = DGND = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
Limit at TMIN, TMAX
Unit
Conditions/Comments
t1
20
ns min
MCLK period
t2
8
ns min
MCLK high duration
t3
8
ns min
MCLK low duration
t4
25
ns min
SCLK period
t5
10
ns min
SCLK high time
t6
10
ns min
SCLK low time
t7
5
ns min
FSYNC to SCLK falling edge setup time
t8
10
ns min
FSYNC to SCLK hold time
t9
5
ns min
Data setup time
t10
3
ns min
Data hold time
t11
2 × t1
ns min
Minimum CTRL pulse width
t12
0
ns min
CTRL rising edge to MCLK falling edge setup time
t13
10 × t1
ns typ
CTRL rising edge to VOUT delay (initial pulse, includes initialization)
8 × t1
ns typ
CTRL rising edge to VOUT delay (initial pulse, includes initialization)
t14
1 × t1
ns typ
Frequency change to SYNC output, each frequency increment
t15
2 × t1
ns typ
Frequency change to SYNC output, end of scan
t16
20
ns max
MCLK falling edge to MSBOUT
1
Guaranteed by design, not production tested.
MASTER CLOCK AND TIMING DIAGRAMS
MCLK
t3
t2
t1
Figure 3. Master Clock
SCLK
FSYNC
SDATA
D15
D14
D2
D1
D0
D15
D14
t7
t9
t6
t8
t10
t5
t4
Figure 4. Serial Timing
MCLK
CTRL
VOUT
t12
t11
t13
Figure 5. CTRL Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com