Electronic Components Datasheet Search
  English  ▼

X  

AD5932 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5932 Datasheet HTML 16Page - Analog Devices AD5932 Datasheet HTML 17Page - Analog Devices AD5932 Datasheet HTML 18Page - Analog Devices AD5932 Datasheet HTML 19Page - Analog Devices AD5932 Datasheet HTML 20Page - Analog Devices AD5932 Datasheet HTML 21Page - Analog Devices AD5932 Datasheet HTML 22Page - Analog Devices AD5932 Datasheet HTML 23Page - Analog Devices AD5932 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5932
Data Sheet
Rev. C | Page 20 of 28
APPLICATIONS INFORMATION
GROUNDING AND LAYOUT
The printed circuit board that houses the AD5932 should be
designed so that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes that can be easily separated. A minimum
etch technique is generally best for ground planes because it
gives the best shielding. Digital and analog ground planes
should be joined in only one place. If the AD5932 is the only
device requiring an AGND-to-DGND connection, then the
ground planes should be connected at the AGND and DGND
pins of the AD5932. If the AD5932 is in a system where
multiple devices require AGND-to-DGND connections, the
connection should be made at one point only, a star ground
point that should be established as close as possible to the
AD5932.
Avoid running digital lines under the device because these
couple noise onto the die. The analog ground plane should run
under the AD5932 to avoid noise coupling. The power supply
lines to the AD5932 should use as large a track as possible to
provide low impedance paths and reduce the effects of glitches
on the power supply line. Fast switching signals, such as clocks,
should be shielded with digital ground to avoid radiating noise
to other sections of the board. Avoid crossover of digital and
analog signals. Traces on opposite sides of the board should run
at right angles to each other, reducing the effects of feedthrough. A
microstrip technique is by far the best but is not always possible
with a double-sided board. In this technique, the component side
of the board is dedicated to ground planes, while signals are
placed on the other side.
Good decoupling is important. The analog and digital supplies
to the AD5932 are independent and separately pinned out to
minimize coupling between analog and digital sections of the
device. All analog and digital supplies should be decoupled to
AGND and DGND, respectively, with 0.1 µF ceramic capacitors
in parallel with 10 µF tantalum capacitors. To achieve the best
from the decoupling capacitors, they should be placed as close
as possible to the device, ideally right up against the device. In
systems where a common supply is used to drive both the AVDD
and DVDD of the AD5932, it is recommended that the system’s
AVDD supply be used. This supply should have the recom-
mended analog supply decoupling between the AVDD pin of
the AD5932 and AGND and the recommended digital supply
decoupling capacitors between the DVDD pin and DGND.
Interfacing to Microprocessors
The AD5932 has a standard serial interface that allows the part
to interface directly with several microprocessors. The device
uses an external serial clock to write the data/control informa-
tion into the device. The serial clock can have a frequency of
40 MHz maximum. The serial clock can be continuous, or it
can idle high or low between write operations.
When data/control information is being written to the AD5932,
FSYNC is taken low and is held low while the 16 bits of data are
being written into the AD5932. The FSYNC signal frames the
16 bits of information being loaded into the AD5932.
AD5932 TO THE ADSP-BF527 INTERFACE
Figure 34 shows the serial interface between the AD5932 and
the ADSP-BF527. The serial port (SPORT) of the ADSP-BF527
processor must be set up to operate in the DSP serial mode. The
data is clocked out on each rising edge of the serial clock and
clocked into the AD5932 on the SCLK falling edge.
AD59321
ADSP-BF5271
1ADDITIONAL PINS OMITTED FOR CLARITY.
TSF0
DT0PRI
TSCLK0
FSYNC
SDATA
SCLK
Figure 34. ADSP-BF527 to AD5932 Interface
AD5932 TO 68HC11/68L11 INTERFACE
Figure 35 shows the serial interface between the AD5932 and
the 68HC11/68L11 microcontroller. The microcontroller is
configured as the master by setting Bit MSTR in the SPCR to 1,
which provides a serial clock on SCK while the MOSI output
drives the serial data line, SDATA. Because the microcontroller
does not have a dedicated frame sync pin, the FSYNC signal is
derived from a port line (PC7). The set-up conditions for
correct operation of the interface are as follows:
• SCK idles high between write operations (CPOL = 1).
• Data is valid on the SCK falling edge (CPHA = 0).
When data is being transmitted to the AD5932, the FSYNC line is
taken low (PC7). Serial data from the 68HC11/68L11 is transmitted
in 8-bit bytes with only eight falling clock edges occurring in the
transmit cycle. Data is transmitted MSB first. In order to load
data into the AD5932, PC7 is held low after the first eight bits
are transferred and a second serial write operation is performed
to the AD5932. Only after the second eight bits have been
transferred should FSYNC be taken high again.
AD59321
68HC11/68L111
1ADDITIONAL PINS OMITTED FOR CLARITY.
PC7
MOSI
SCK
FSYNC
SDATA
SCLK
Figure 35. 68HC11/68L11 to AD5932 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com