Electronic Components Datasheet Search
  English  ▼

X  

AD5932 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5932 Datasheet HTML 15Page - Analog Devices AD5932 Datasheet HTML 16Page - Analog Devices AD5932 Datasheet HTML 17Page - Analog Devices AD5932 Datasheet HTML 18Page - Analog Devices AD5932 Datasheet HTML 19Page - Analog Devices AD5932 Datasheet HTML 20Page - Analog Devices AD5932 Datasheet HTML 21Page - Analog Devices AD5932 Datasheet HTML 22Page - Analog Devices AD5932 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD5932
Rev. C | Page 19 of 28
OUTPUTS FROM THE AD5932
The AD5932 offers a variety of outputs from the chip. The analog
outputs are available from the VOUT pin and include a sine
wave and a triangle output. The digital outputs are available
from the MSBOUT pin and the SYNCOUT pin.
Analog Outputs
Sinusoidal Output
The SIN ROM is used to convert the phase information from
the frequency register into amplitude information, resulting in
a sinusoidal signal at the output.
The AD5932 includes a 10-bit, high impedance, current source
DAC that is configured for single-ended operation. An external
load resistor is not required because the device has a 200 Ω
resistor on board. To have a sinusoidal output from the VOUT
pin, set SINE/TRI (Bit D9) in the control register to 1.
Triangle Output
The SIN ROM can be bypassed so that the truncated digital
output from the NCO is sent to the DAC. In this case, the output is
no longer sinusoidal. The DAC produces a 10-bit linear triangular
function. To have a triangle output from the VOUT pin, set
SINE/TRI (Bit D9) to 0. Note that DAC ENABLE (Bit D10)
must be set to 1 (that is, the DAC is enabled) when using this pin.
VOUT MAX
3p/2
7p/2
p/2
5p/2
9p/2
11p/2
VOUT MIN
Figure 32. Triangle Output
Digital Outputs
Square-Wave Output from MSBOUT
The inverse of the MSB from the NCO can be output from the
AD5932. By setting MSBOUTEN (Bit D8) to 1, the inverted
MSB of the DAC data is available at the MSBOUT pin. This is
useful as a digital clock source.
DVDD
DGND
Figure 33. MSB Output
SYNCOUT Pin
The SYNCOUT pin can be used to give the status of the scan.
It is user-selectable for the end of scan or to output a 4 × TCLOCK
pulse at frequency increments. The timing information for both
of these modes is shown in Figure 6.
The SYNCOUT pin must be enabled before use. This is done
using Bit D2 in the control register. The output available from
this pin is then controlled by Bit D3 in the control register.
See Table 6 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com