Electronic Components Datasheet Search
  English  ▼

X  

AD5932 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5932 Datasheet HTML 14Page - Analog Devices AD5932 Datasheet HTML 15Page - Analog Devices AD5932 Datasheet HTML 16Page - Analog Devices AD5932 Datasheet HTML 17Page - Analog Devices AD5932 Datasheet HTML 18Page - Analog Devices AD5932 Datasheet HTML 19Page - Analog Devices AD5932 Datasheet HTML 20Page - Analog Devices AD5932 Datasheet HTML 21Page - Analog Devices AD5932 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5932
Data Sheet
Rev. C | Page 18 of 28
Therefore, in this example, a time interval of 20 ns × 2047 = 40 µs
is the maximum, with the minimum being 40 ns. For some
applications, this maximum time of 40 µs may be insufficient.
Therefore, to allow for sweeps that need a longer increment
interval, time-base multipliers are provided. D12 and D11 are
dedicated to the time-base multipliers, as shown in the bit map
above. A more detailed table of the multiplier options is given in
Table 9.
Table 9. Time-Base Multiplier Values
D12
D11
Multiplier Value
0
0
Multiply (1/MCLK) by 1
0
1
Multiply (1/MCLK) by 5
1
0
Multiply (1/MCLK) by 100
1
1
Multiply (1/MCLK) by 500
If MCLK = 50 MHz and a multiplier of 500 is used, then the
base interval (TBASE) is now (1/(50 MHz) x 500)) = 10 µs. Using
a multiplier of 500, the maximum increment interval is 10 µs ×
211− 1= 20.5 ms. Therefore, the option of time-base multipliers
gives the user enhanced flexibility when programming the length
of the frequency window, because any frequency can be output
for a minimum of 40 ns up to a maximum of 20.5 ms.
The above example shows a fixed number of clock periods. Note
that the same equally applies to fixed numbers of clock cycles.
Length of Scan Time
The length of time to complete a user-programmed frequency
scan is given by the following equation:
TSCAN = (1 + NINCR) × TBASE
ACTIVATING AND CONTROLLING THE SCAN
After the registers have been programmed, a 0 to 1 transition
on the CTRL pin starts the scan. The scan always starts from
the frequency programmed into the FSTART register. It changes by
the value in the ∆f register and increases by the number of steps
in the NINCR register. However, the time interval of each frequency
can be internally controlled using the tINT register or externally
controlled using the CTRL pin. The available options are
•
Auto-increment
•
External increment
Auto-Increment Control
The value in the tINT register is used to control the scan. The
AD5932 outputs each frequency for the length of time pro-
grammed in the TINT register, before moving on to the next
frequency.
To set up the AD5932 to this mode, INT/EXT INCR (Bit D5)
must be set to 0.
External Increment Control
In this case, the time interval, tINT, is set by the pulse rate on the
CTRL pin. The first 0 to 1 transition on the pin starts the scan.
Each subsequent 0 to 1 transition on the CTRL pin increments
the output frequency by the value programmed into the ∆f register.
To set up the AD5932 to this mode, INT/EXT INCR (Bit D5)
must be set to 1.
INTERRUPT Pin
This function is used as an interrupt during a frequency scan.
A low-to-high transition on this pin is sampled by the internal
MCLK, thereby resetting internal state machines, which results
in the output going to midscale.
STANDBY Pin
Sections of the AD5932 that are not in use can be powered
down to minimize power consumption. This is done by using
the STANDBY pin. For optimum power savings, it is recom-
mended to reset the AD5932 before entering standby. Doing so
reduces the power-down current to 20 μA.
When this pin is high, the internal MCLK is disabled, and the
reference, DAC, and regulator are powered down. When in this
state, the DAC output of the AD5932 remains at its present
value, because the NCO is no longer accumulating. When the
device is taken back out of standby mode, the MCLK is re-
activated, and the scan continues. To ensure correct operation
for new data, it is recommended that the device be internally
reset, using a control register write or using the INTERRUPT
pin, and then restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com