Electronic Components Datasheet Search
  English  ▼

X  

AD5932 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5932 Datasheet HTML 7Page - Analog Devices AD5932 Datasheet HTML 8Page - Analog Devices AD5932 Datasheet HTML 9Page - Analog Devices AD5932 Datasheet HTML 10Page - Analog Devices AD5932 Datasheet HTML 11Page - Analog Devices AD5932 Datasheet HTML 12Page - Analog Devices AD5932 Datasheet HTML 13Page - Analog Devices AD5932 Datasheet HTML 14Page - Analog Devices AD5932 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5932
Rev. C | Page 11 of 28
MCLK FREQUENCY (MHz)
70
65
60
55
50
45
40
50M
40M
30M
20M
10M
0
TA = 25°C
AVDD = DVDD = 5V
fOUT = FMCLK/4096
Figure 14. SNR vs. MCLK Frequency
TEMPERATURE (°C)
1.25
1.23
1.21
1.19
1.17
1.15
120
100
80
60
40
20
0
–40
–20
AVDD = DVDD = 5V
Figure 15. VREF vs. Temperature
TEMPERATURE (°C)
2.0
1.8
1.9
1.7
1.6
1.5
1.3
1.4
1.2
120
100
80
60
40
20
0
–40
–20
AVDD = DVDD = 5V
AVDD = DVDD = 2.3V
Figure 16. Wake-up Time vs. Temperature
V p-p (mV)
0
10
20
30
40
50
60
70
80
90
Figure 17. Histogram of VOUT Peak-to-Peak
VOFFSET (mV)
80
70
60
50
40
30
10
20
0
Figure 18. Histogram of VOUT Offset
MODULATING FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–70
–60
–80
10
1M
100k
10k
1k
100
TA = 25°C
100mV p-p RIPPLE
NO DECOUPLING ON SUPPLIES
AVDD = DVDD = 5V
AVDD (on VOUT)
DVDD (on CAP/2.5V)
Figure 19. PSSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com