Electronic Components Datasheet Search
  English  ▼

X  

AD5932 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5932 Datasheet HTML 13Page - Analog Devices AD5932 Datasheet HTML 14Page - Analog Devices AD5932 Datasheet HTML 15Page - Analog Devices AD5932 Datasheet HTML 16Page - Analog Devices AD5932 Datasheet HTML 17Page - Analog Devices AD5932 Datasheet HTML 18Page - Analog Devices AD5932 Datasheet HTML 19Page - Analog Devices AD5932 Datasheet HTML 20Page - Analog Devices AD5932 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD5932
Rev. C | Page 17 of 28
SETTING UP THE FREQUENCY SCAN
As stated in the Frequency Profile section, the AD5932 requires
certain registers to be programmed to enable a frequency scan.
The Setting Up the Frequency Scan section discusses these
registers in more detail.
Start Frequency (FSTART)
To start a frequency scan, the user needs to tell the AD5932
what frequency to start scanning from. This frequency is stored
in a 24-bit register called FSTART. If the user wishes to alter the
entire contents of the FSTART register, two consecutive writes
must be performed: one to the LSBs and the other to the MSBs.
Note that for an entire write to this register, Control Bit B24
(D11) should be set to 1, with the LSBs programmed first.
In some applications, the user does not need to alter all 24 bits
of the FSTART register. By setting Control Bit B24 (D11) to 0, the
24-bit register operates as two 12-bit registers, one containing
the 12 MSBs and the other containing the 12 LSBs. This means
that the 12 MSBs of the FSTART word can be altered independently
of the 12 LSBs and vice versa. The addresses of both the LSBs
and the MSBs of this register are shown in the following bit map.
D15
D14
D13
D12
D11 to D0
1
1
0
0
12 LSBs of FSTART <11…0>
1
1
0
1
12 MSBs of FSTART <23…12>
Frequency Increments (∆f)
The value in the Δf register sets the increment frequency for the
scan and is added incrementally to the current output frequency.
Note that the increment frequency can be positive or negative,
thereby giving an increasing or decreasing frequency scan.
At the start of a scan, the frequency contained in the FSTART
register is output. Next, the frequency (FSTART + Δf ) is output.
This is followed by (FSTART + Δf + Δf), and so on. Multiplying
the Δf value by the number of increments (NINCR) and adding it
to the start frequency (FSTART) give the final frequency in the
scan. Mathematically, this final frequency/stop frequency is
represented by
FSTART + (NINCR × Δf)
The Δf register is a 23-bit register that requires two 16-bit writes
to be programmed. Table 7 gives the addresses associated with
both the MSB and LSB registers of the Δf word.
Table 7. Δf Register Bits
D15
D14
D13
D12
D11
D10 to D0
Scan
Direction
0
0
1
0
12 LSBs of ∆f
<11…0>
N/A
0
0
1
1
0
11 MSBs of Δf
<22…12>
Positive Δf
(FSTART + Δf)
0
0
1
1
1
11 MSBs of Δf
<22…12>
Negative ∆f
(FSTART − Δf)
Number of Increments (NINCR)
An end frequency is not required on the AD5932. Instead, this
end frequency is calculated by multiplying the frequency increment
value (Δf) by the number of frequency steps (NINCR) and adding
it to/subtracting it from the start frequency (FSTART); that is,
FSTART + NINCR × Δf. The NINCR register is a 12-bit register, with
the address shown in the following bit map.
D15
D14
D13
D12
D11
D0
0
0
0
1
12 bits of NINCR
<11…0>
The number of increments is programmed in binary fashion,
with 000000000010 representing the minimum number of
frequency increments (two increments) and 111111111111
representing the maximum number of increments (4095).
Table 8. NINCR Data Bits
D11
…
D0
Number of Increments
0000
0000
0010
Two frequency increments. This is the
minimum number of frequency
increments.
0000
0000
0011
Three frequency increments.
0000
0000
0100
Four frequency increments.
…
…
…
…
1111
1111
1110
4094 frequency increments.
1111
1111
1111
4095 frequency increments.
Increment Interval (tINT)
The increment interval dictates the duration of the DAC output
signal for each individual frequency of the frequency scan. The
AD5932 offers the user two choices:
•
The duration is a multiple of cycles of the output frequency.
•
The duration is a multiple of MCLK periods.
The desired choice is selected by Bit D13 in the tINT register as
shown in the following bit map.
D15
D14
D13
D12
D11
D10 to D0
0
1
0
x
x
11 bits <10…0>
Fixed number of output
waveform cycles.
0
1
1
x
x
11 bits <10…0>
Fixed number of clock
periods.
Programming of this register is in binary form, with the
minimum number being decimal 2. Note that 11 bits, D10 to
D0, of the register are available to program the time interval. As
an example, if MCLK = 50 MHz, then each clock period/base
interval is (1/50 MHz) = 20 ns. If each frequency must be output
for 100 ns, then <00000000101> or decimal 5 must be pro-
grammed to this register. Note that the AD5930 can output each
frequency for a maximum duration of 211 − 1 (or 2047) times
the increment interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com