| Electronic Components Datasheet Search |
|
AD8129ARM Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8129ARM Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 28 page ![]() REV. 0 AD8129/AD8130 –5– ABSOLUTE MAXIMUM RATINGS 1, 2 Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . Refer to Figure 3 Input Voltage (Any Input) . . . . . . . –VS – 0.3 V to +VS + 0.3 V Differential Input Voltage (AD8129) 3 V S ≥ ±11.5 V . . . ±0.5 V Differential Input Voltage (AD8129) 3 V S < ±11.5 V . . . ±6.2 V Differential Input Voltage (AD8130) . . . . . . . . . . . . . . ±8.4 V Storage Temperature . . . . . . . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other condition s above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Thermal Resistance measured on SEMI standard 4-layer board. 8-Lead SOIC: θ JA= 121 °C/W; 8-Lead Micro_SO: θ JA = 142 °C/W 3Refer to Applications section, Extreme Operating Condition, and Power Dissipation. ORDERING GUIDE Temperature Package Package Branding Model Range Description Option Information AD8129AR –40ºC to +85ºC 8-Lead SOIC SO-8 AD8129AR-REEL 1 –40ºC to +85ºC 8-Lead SOIC 13" Tape and Reel AD8129AR-REEL7 2 –40ºC to +85ºC 8-Lead SOIC 7" Tape and Reel AD8129ARM –40ºC to +85ºC 8-Lead Micro_SO RM-8 HQA AD8129ARM-REEL 3 –40ºC to +85ºC 8-Lead Micro_SO 13" Tape and Reel HQA AD8129ARM-REEL7 2 –40ºC to +85ºC 8-Lead Micro_SO 7" Tape and Reel HQA AD8129-EVAL Evaluation Board with SOIC AD8130AR –40ºC to +85ºC 8-Lead SOIC SO-8 AD8130AR-REEL 1 –40ºC to +85ºC 8-Lead SOIC 13" Tape and Reel AD8130AR-REEL7 2 –40ºC to +85ºC 8-Lead SOIC 7" Tape and Reel AD8130ARM –40ºC to +85ºC 8-Lead Micro_SO RM-8 HPA AD8130ARM-REEL 3 –40ºC to +85ºC 8-Lead Micro_SO 13" Tape and Reel HPA AD8130ARM-REEL7 2 –40ºC to +85ºC 8-Lead Micro_SO 7" Tape and Reel HPA AD8130-EVAL Evaluation Board with SOIC NOTES 113" Reel of 2500 each. 27" Reel of 1000 each. 313" Reel of 3000 each. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8129/AD8130 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE AMBIENT TEMPERATURE – C –50 0 TJ (MAX) = 150 C 2.0 1.5 1.0 8-LEAD SOIC PACKAGE –40 –30 0 10 20 3040 5060 70 80 90 8-LEAD MICRO_SO 0.5 –20 –10 Figure 3. Maximum Power Dissipation vs. Temperature CONNECTION DIAGRAM (Top View) SO-8 (R) and Micro_SO-8 (RM) AD8129/ AD8130 1 2 3 4 +IN –IN –VS +VS PD OUT REF FB 8 7 6 5 + |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |