Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 23 Page - Analog Devices

Part # AD8129ARM
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 19Page - Analog Devices AD8129ARM Datasheet HTML 20Page - Analog Devices AD8129ARM Datasheet HTML 21Page - Analog Devices AD8129ARM Datasheet HTML 22Page - Analog Devices AD8129ARM Datasheet HTML 23Page - Analog Devices AD8129ARM Datasheet HTML 24Page - Analog Devices AD8129ARM Datasheet HTML 25Page - Analog Devices AD8129ARM Datasheet HTML 26Page - Analog Devices AD8129ARM Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
REV. 0
AD8129/AD8130
–23–
VOUT =
VIN
(1+ RF/RG) +VOFFSET
0.1 F10 F
–V
+V
0.1 F
10 F
VIN
VOFFSET
–VS
PD
+VS
+
+
RF
RG
AD8129/
AD8130
Figure 12. In this circuit, VOFFSET appears at the output
with unity gain. This circuit works well if the VOFFSET
Source Impedance is low.
A way around this is to apply the offset voltage to a voltage
divider whose attenuation factor matches the gain of the ampli-
fier, and then apply this voltage to the high-impedance REF
input. This circuit will first divide the desired offset voltage by
the gain, and the amplifier will multiply it back up to unity. (See
Figure 13.)
VOUT =
VIN
(1+RF/RG) + VOFFSET
0.1 F10 F
–V
+V
0.1 F
10 F
VIN
–VS
PD
+VS
+
+
RF
RG
RG
VOFFSET
RF
AD8129/
AD8130
Figure 13. Adding an attenuator at the offset input causes
it to appear at the output with unity gain.
Resistorless Gain-of-Two
The voltage applied to the REF input (Pin 4) can also be a high
bandwidth signal. If a unity-gain AD8130 has both +IN and
REF driven with the same signal, there will be unity gain from
VIN and unity gain from VREF. Thus, the circuit will have a gain
of two, and requires no resistors. (See Figure 14.)
VOUT
0.1 F10 F
–V
+V
0.1 F
10 F
VIN
–VS
PD
+VS
+
+
AD8130
Figure 14. Gain-of-Two Connections with No Resistors
Summer
A general summing circuit can be made by the above technique.
A unity-gain configured AD8130 has one signal applied to +IN,
while the other signal is applied to REF. The output will be the
sum of the two input signals. (See Figure 15.)
VOUT = V1 + V2
V1
V2
0.1 F10 F
–V
+V
0.1 F
10 F
–VS
PD
+VS
+
+
AD8130
Figure 15. A Summing Circuit that is Noninverting with
High Input Impedance
This circuit offers several advantages over a conventional op
amp inverting summing circuit. First, the inputs are both high-
impedance and the circuit is noninverting. It would require
significant additional circuitry to make an op amp summing
circuit that has high input impedance and is noninverting.
Another advantage is that the AD8130 circuit still preserves the
full bandwidth of the part. In a conventional summing circuit,
the noise gain is increased for every additional input, so the
bandwidth response decreases accordingly. By this technique,
four signals can be summed by applying them to two AD8130s,
and then summing the two outputs by a third AD8130.
Cable-Tap Amplifier
It is often desirable to have a video signal drive several different
pieces of equipment. However, the cable should only be termi-
nated once at its end point, so it is not appropriate to have a
termination at each device. A “loop-through” connection allows
a device to tap the video signal while not disturbing it by any
excessive loading.
Such a connection, also referred to as a cable-tap amplifier, can
be simply made with an AD8130. (See Figure 16.) The circuit is
configured with unity gain, and if no output offset is desired,
the REF pin is grounded. The negative differential input is
connected directly to the shield of the cable (or an associated
connector) at the point at which it wants to be “tapped.”
75
75
VIDEO
IN
VOUT
0.1 F10 F
–V
+V
0.1 F
10 F
–VS
PD
+VS
+
+
AD8130
Figure 16. The AD8130 can tap the video signal at any
point along the cable without loading the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com