Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8129ARM
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 11Page - Analog Devices AD8129ARM Datasheet HTML 12Page - Analog Devices AD8129ARM Datasheet HTML 13Page - Analog Devices AD8129ARM Datasheet HTML 14Page - Analog Devices AD8129ARM Datasheet HTML 15Page - Analog Devices AD8129ARM Datasheet HTML 16Page - Analog Devices AD8129ARM Datasheet HTML 17Page - Analog Devices AD8129ARM Datasheet HTML 18Page - Analog Devices AD8129ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
REV. 0
AD8129/AD8130
–15–
250mV
5.00ns
VOUT = 1V p-p
G = 2
VS = 5V, CL = 10pF
VS = 5V, CL = 2pF
TPC 82. AD8130 Transient Response
vs. Load Capacitance, VOUT = 1 V p-p,
G = 2
1.00V
5.00ns
VOUT
VIN
TPC 85. AD8130 Transient Response
with +3 V Common-Mode Input
1.00V
10.0ns
G = 5
VS = 5V
CL = 10pF
4V p-p
2V p-p
1V p-p
TPC 88. AD8130 Transient Response
vs. Output Amplitude
500mV
5.00ns
VOUT = 2V p-p
G = 2
VS = 5V
VS = 12V
TPC 83. AD8130 Transient Response
vs. Supply, VOUT = 2 V p-p, G = 2
1.00V
5.00ns
VOUT
VIN
TPC 86. AD8130 Transient Response
with –3 V Common-Mode Input
2.00V
10.0ns
G = 5
VS = 5V
CL = 10pF
VOUT = 8V p-p
TPC 89. AD8130 Transient Response,
VOUT = 8 V p-p, G = 5, VS =
±5 V
2.00V
5.00ns
G = 2
VS = 5V
CL = 10pF
CL = 2pF
VOUT = 8V p-p
TPC 84. AD8130 Transient Response
vs. Load Capacitance, VOUT = 8 V p-p
2.50V
5.00ns
G = 2
VS = 12V
VOUT = 10V p-p
TPC 87. AD8130 Transient Response,
VOUT = 10 V p-p, G = 2, VS =
±12 V
5.00V
10.0ns
G = 5
VS = 12V
CL = 10pF
VOUT = 20V p-p
TPC 90. AD8130 Transient Response,
VOUT = 20 V p-p, G = 5, VS =
±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com