Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD8129ARM
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 14Page - Analog Devices AD8129ARM Datasheet HTML 15Page - Analog Devices AD8129ARM Datasheet HTML 16Page - Analog Devices AD8129ARM Datasheet HTML 17Page - Analog Devices AD8129ARM Datasheet HTML 18Page - Analog Devices AD8129ARM Datasheet HTML 19Page - Analog Devices AD8129ARM Datasheet HTML 20Page - Analog Devices AD8129ARM Datasheet HTML 21Page - Analog Devices AD8129ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. 0
AD8129/AD8130
–18–
G = 1
VS = 5V
23
20
17
14
11
–5
–4
–3
–2
–1
0
12
34
5
DIFFERENTIAL INPUT – V
TPC 109. AD8130 DC Power Supply
Current vs. Differential Input Voltage
G = 1
VS = 5V
RL = 1k
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4 0.6 0.8 1.0
OUTPUT VOLTAGE – V
TPC 112. AD8130 Gain Nonlinearity,
VOUT = 2 V p-p
G = 10
VS = 5V
RL = 1k
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4 0.6 0.8
1.0
OUTPUT VOLTAGE – V
TPC 115. AD8129 Gain Nonlinearity,
VOUT = 2 V p-p
G = 10
VS = 10V
37
31
25
19
13
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4 0.6 0.8 1.0
DIFFERENTIAL INPUT – V
TPC 110. AD8129 DC Power Supply
Current vs. Differential Input Voltage
G = 1
VS = 5V
RL = 1k
–2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5
OUTPUT VOLTAGE – V
TPC 113. AD8130 Gain Nonlinearity,
VOUT = 5 V p-p
G = 10
VS = 12V
RL = 1k
–5
–4
–3
–2
–1
0
123
4
5
OUTPUT VOLTAGE – V
TPC 116. AD8129 Gain Nonlinearity,
VOUT = 10 V p-p
TEMPERATURE – C
3.0
–50
0.0
–1.0
–2.0
–3.0
1.0
2.0
–35 –20 –5102540557085 100
AD8130
AD8129
AD8130
VOUT = 100mV AC @ 1kHz
TPC 111. AD8129/AD8130 Input
Differential Voltage Range vs. Tem-
perature, 1% Gain Compression
4
2
0
–2
–4
–5
–4
–3
–2
–1
0
123
45
DIFFERENTIAL INPUT – V
3
1
–1
–3
VS = 5V
TPC 114. AD8130 Differential Input
Clipping Level
8
4
0
–4
–8
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4 0.6 0.8 1.0
DIFFERENTIAL INPUT – V
6
2
–2
–6
VS = 10V
TPC 117. AD8129 Differential Input
Clipping Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com