Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 25 Page - Analog Devices

Part # AD8129ARM
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 20Page - Analog Devices AD8129ARM Datasheet HTML 21Page - Analog Devices AD8129ARM Datasheet HTML 22Page - Analog Devices AD8129ARM Datasheet HTML 23Page - Analog Devices AD8129ARM Datasheet HTML 24Page - Analog Devices AD8129ARM Datasheet HTML 25Page - Analog Devices AD8129ARM Datasheet HTML 26Page - Analog Devices AD8129ARM Datasheet HTML 27Page - Analog Devices AD8129ARM Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
REV. 0
AD8129/AD8130
–25–
Power Dissipation
The AD8129/AD8130 can operate with supply voltages from
+5 V to
±12 V. The major reason for such a wide supply range
is to provide a wide input common-mode range for systems
that might require this. This would be encountered when sig-
nificant common-mode noise couples into the input path. For
applications that do not require a wide input or output dynamic
range, it is recommended to operate with lower supply voltages.
The AD8129/AD8130 is also available in a very small Micro_SO-8
package. This has higher thermal impedance than larger packages
and will operate at a higher temperature with the same amount
of power dissipation. Certain operating conditions that are within
the specification range of the parts can cause excess power dissi-
pation. Caution should be exercised.
The power dissipation is a function of several operating condi-
tions. These include the supply voltage, the input differential
voltage, the output load and the signal frequency.
A basic starting point is to calculate the quiescent power dissipa-
tion with no signal and no differential input voltage. This is just
the product of the total supply voltage and the quiescent operat-
ing current. The maximum operating supply voltage is 26.4 V
and the quiescent current is 13 mA. This causes a quiescent
power dissipation of 343 mW. For the Micro_SO package, the
θ
JA specification is 142
°C/W. So the quiescent power will cause
about a 49
°C rise above ambient in the Micro_SO package.
The current consumption is also a function of the differential
input voltage. (See TPCs 109 and 110.) This current should be
added on to the quiescent current and then multiplied by the
total supply voltage to calculate the power.
The AD8129/AD8130 can directly drive loads of as low as
100
Ω, such as a terminated 50 Ω cable. The worst-case power
dissipation in the output stage occurs when the output is at
midsupply. As an example, for a 12 V supply and the output
driving a 250
Ω load to ground, the maximum power dissipation
in the output will occur when the output voltage is 6 V.
The load current will be 6 V/250
Ω = 24 mA. This same current
will flow through the output across a 6 V drop from +VS. This
will dissipate 144 mW. For the Micro_SO-8 package, this causes a
temperature rise of 20
°C above ambient. Although this is a worst-
case number, it is apparent that this can be a considerable
additional amount of power dissipation.
Several changes can be made to alleviate this. One is to use the
standard SO-8 package. This will lower the thermal impedance
to 121
°C/W, which is a 15% improvement. Next is to use a
lower supply voltage unless absolutely necessary.
Finally, do not use the AD8129/AD8130 to directly drive a
heavy load when it is operating on high supply voltages. It is
best to use a second op amp after the output stage. Some of the
gain can be shifted to this stage so that the signal swing at the
output of the AD8129/AD8130 is not too large.
Layout, Grounding and Bypassing
The AD8129/AD8130 are very high-speed parts that can be
sensitive to the PCB environment in which they have to oper-
ate. Realizing their superior specifications requires attention
to various details of standard high-speed PCB design practice.
The first requirement is for a good solid ground plane that cov-
ers as much of the board area around the AD8129/AD8130 as
possible. The only exception to this is that the ground plane
around the FB pin should be kept a few mm away, and ground
should be removed from inner layers and the opposite side of
the board under this pin. This will minimize the stray capaci-
tance on this node and help preserve the gain flatness versus
frequency.
The power supply pins should be bypassed as close as possible
to the device to the nearby ground plane. Good high-frequency
ceramic chip capacitors should be used. This bypassing should
be done with a capacitance value of 0.01
µF to 0.1 µF for each
supply. Further away, low frequency bypassing should be provided
with 10
µF tantalum capacitors from each supply to ground.
The signal routing should be short and direct in order to avoid
parasitic effects. Where possible, signals should be run over
ground planes to avoid radiating, or to avoid being susceptible
to other radiation sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com