Electronic Components Datasheet Search
  English  ▼

X  

ICS844011 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS844011
Description  FemtoClock Crystal-to-LVDS Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844011 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS844011 Datasheet HTML 1Page - Integrated Device Technology ICS844011 Datasheet HTML 2Page - Integrated Device Technology ICS844011 Datasheet HTML 3Page - Integrated Device Technology ICS844011 Datasheet HTML 4Page - Integrated Device Technology ICS844011 Datasheet HTML 5Page - Integrated Device Technology ICS844011 Datasheet HTML 6Page - Integrated Device Technology ICS844011 Datasheet HTML 7Page - Integrated Device Technology ICS844011 Datasheet HTML 8Page - Integrated Device Technology ICS844011 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ICS844011AG REVISION A AUGUST 27, 2012
2
©2012 Integrated Device Technology, Inc.
ICS844011 Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS CLOCK GENERATOR
Pin Description and Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup refers to an internal input resistor. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. OE Control Function Table
Number
Name
Type
Description
1VDDA
Power
Analog power supply.
2GND
Power
Power supply ground.
3,
4
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
5
OE
Input
Pullup
Output enable pin. LVCMOS/LVTTL interface levels.
6, 7
nQ, Q
Output
Differential clock output. LVDS interface levels.
8VDD
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
Ω
Input
Output Enable
OE
0
Output Q, nQ pair is disabled in high-impedance state.
1 (default)
Output Q, nQ is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com