Electronic Components Datasheet Search
  English  ▼

X  

ICS844011 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS844011
Description  FemtoClock Crystal-to-LVDS Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844011 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS844011 Datasheet HTML 1Page - Integrated Device Technology ICS844011 Datasheet HTML 2Page - Integrated Device Technology ICS844011 Datasheet HTML 3Page - Integrated Device Technology ICS844011 Datasheet HTML 4Page - Integrated Device Technology ICS844011 Datasheet HTML 5Page - Integrated Device Technology ICS844011 Datasheet HTML 6Page - Integrated Device Technology ICS844011 Datasheet HTML 7Page - Integrated Device Technology ICS844011 Datasheet HTML 8Page - Integrated Device Technology ICS844011 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
ICS844011AG REVISION A AUGUST 27, 2012
1
©2012 Integrated Device Technology, Inc.
FemtoClock® Crystal-to-LVDS
Clock Generator
ICS844011
General Description
The ICS844011 is a Fibre Channel Clock Generator. The
ICS844011 uses an 18pF parallel resonant crystal. For Fibre
Channel applications, a 26.5625MHz crystal is used. The
ICS844011 has excellent <1ps phase jitter performance, over the
637kHz - 10MHz integration range. The ICS844011 is packaged in a
small 8-pin TSSOP, making it ideal for use in systems with limited
board space.
Features
• One differential LVDS clock output pair
• Crystal interface designed for 18pF parallel resonant crystals
• VCO range: 490MHz – 680MHz
• RMS phase jitter @ 106.25MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.97ps (typical)
• RMS phase jitter @ 100MHz, (637kHz - 10MHz):
0.77ps (typical)
• Full 3.3V or 2.5V operating supply
• Available in lead-free (RoHS 6) package
• 0°C to 70°C ambient operating temperature
Common Configuration Table – Fibre Channel
Inputs
Output Frequency (MHz)
Crystal Frequency (MHz)
M
N
Multiplication Value M/N
26.5625
24
6
4
106.25
25
24
6
4
100
OSC
Phase
Detector
VCO
490MHz - 680MHz
M = ÷24 (fixed)
N = ÷6 (fixed)
Q
nQ
OE
XTAL_IN
XTAL_OUT
Pullup
1
2
3
4
8
7
6
5
VDDA
GND
XTAL_OUT
XTAL_IN
VDD
Q
nQ
OE
Block Diagram
Pin Assignment
ICS844011
8-lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View


Similar Part No. - ICS844011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
logo
Integrated Circuit Syst...
ICS844011AGI ICST-ICS844011AGI Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
ICS844011AGIT ICST-ICS844011AGIT Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
More results

Similar Description - ICS844011

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844251-14 IDT-ICS844251-14 Datasheet
805Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-LVDS CLOCK GENERATOR
844008I-46 IDT-844008I-46 Datasheet
295Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
844201 IDT-844201 Datasheet
541Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
ICS844201I-45 IDT-ICS844201I-45 Datasheet
302Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
844021-01 IDT-844021-01 Datasheet
247Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844021I-01 IDT-844021I-01 Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
ICS844201-45 IDT-ICS844201-45 Datasheet
409Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com