Electronic Components Datasheet Search
  English  ▼

X  

ICS844011 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS844011
Description  FemtoClock Crystal-to-LVDS Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844011 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS844011 Datasheet HTML 1Page - Integrated Device Technology ICS844011 Datasheet HTML 2Page - Integrated Device Technology ICS844011 Datasheet HTML 3Page - Integrated Device Technology ICS844011 Datasheet HTML 4Page - Integrated Device Technology ICS844011 Datasheet HTML 5Page - Integrated Device Technology ICS844011 Datasheet HTML 6Page - Integrated Device Technology ICS844011 Datasheet HTML 7Page - Integrated Device Technology ICS844011 Datasheet HTML 8Page - Integrated Device Technology ICS844011 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ICS844011AG REVISION A AUGUST 27, 2012
5
©2012 Integrated Device Technology, Inc.
ICS844011 Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS CLOCK GENERATOR
AC Characteristics
Table 6A. AC Characteristics, VDD = 3.3V±5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
NOTE 1: Please refer to the phase noise plot.
Table 6B. AC Characteristics, VDD = 2.5V±5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
100
106.25
MHz
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 1
106.25MHz, Integration Range:
637kHz – 10MHz
0.97
ps
100MHz, Integration Range:
637kHz – 10MHz
0.77
ps
tR / tF
Output Rise/Fall Time
20% to 80%
150
400
ps
odc
Output Duty Cycle
48
52
%
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
100
106.25
MHz
tjit(Ø)
RMS Phase Jitter (Random)
106.25MHz, Integration Range:
637kHz – 10MHz
1.26
ps
100MHz, Integration Range:
637kHz – 10MHz
0.98
ps
tR / tF
Output Rise/Fall Time
20% to 80%
150
400
ps
odc
Output Duty Cycle
48
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com