Electronic Components Datasheet Search
  English  ▼

X  

ICS844011 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS844011
Description  FemtoClock Crystal-to-LVDS Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844011 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS844011 Datasheet HTML 6Page - Integrated Device Technology ICS844011 Datasheet HTML 7Page - Integrated Device Technology ICS844011 Datasheet HTML 8Page - Integrated Device Technology ICS844011 Datasheet HTML 9Page - Integrated Device Technology ICS844011 Datasheet HTML 10Page - Integrated Device Technology ICS844011 Datasheet HTML 11Page - Integrated Device Technology ICS844011 Datasheet HTML 12Page - Integrated Device Technology ICS844011 Datasheet HTML 13Page - Integrated Device Technology ICS844011 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ICS844011AG REVISION A AUGUST 27, 2012
11
©2012 Integrated Device Technology, Inc.
ICS844011 Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS CLOCK GENERATOR
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS844011.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS844011 is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
•
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (108mA + 12mA) = 415.8mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The
maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj = θJA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance θJA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 129.5°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.416W * 129.5°C/W = 123.9°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 7. Thermal Resistance θJA for 8 Lead TSSOP, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
129.5°C/W
125.5°C/W
123.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com