Electronic Components Datasheet Search
  English  ▼

X  

ICS844011 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS844011
Description  FemtoClock Crystal-to-LVDS Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844011 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS844011 Datasheet HTML 6Page - Integrated Device Technology ICS844011 Datasheet HTML 7Page - Integrated Device Technology ICS844011 Datasheet HTML 8Page - Integrated Device Technology ICS844011 Datasheet HTML 9Page - Integrated Device Technology ICS844011 Datasheet HTML 10Page - Integrated Device Technology ICS844011 Datasheet HTML 11Page - Integrated Device Technology ICS844011 Datasheet HTML 12Page - Integrated Device Technology ICS844011 Datasheet HTML 13Page - Integrated Device Technology ICS844011 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ICS844011AG REVISION A AUGUST 27, 2012
13
©2012 Integrated Device Technology, Inc.
ICS844011 Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS CLOCK GENERATOR
Ordering Information
Table 10. Ordering Information
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
844011AGLF
011AL
Lead-Free, 8-lead TSSOP
Tube
0°C to 70°C
844011AGLFT
011AL
Lead-Free, 8-lead TSSOP
Tape & Reel
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com