Electronic Components Datasheet Search
  English  ▼

X  

ACE533J Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE533J
Description  500mA, Micropower, VLDO Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE533J Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE533J Datasheet HTML 1Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 2Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 3Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 4Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 5Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 6Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 7Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 8Page - ACE Technology Co., LTD. ACE533J Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE533J
500mA, Micropower, VLDO Linear Regulator
VER 1.2
2
Absolute Maximum Ratings
(Note 1)
Parameter
Symbol
Value
Unit
VIN
Supply Voltage on VIN Pin
-0.3 to 7.5
V
V SHDN
Voltage on SHDN
Pin
-0.3 to 7.5
V
VOUT
Voltage on VOUT Pin
-0.3 to 7.5
V
VFB
Voltage on FB Pin
-0.3 to 7.5
V
TJ
Operating Junction Temperature
(Note 2, 3)
-40 to 125
°C
TSTG
Storage Temperature Range
-65 to 150
°C
TL
Lead Temperature for Soldering 10 Seconds
300
°C
PD
(Note 4)
Power Dissipation @ 25°C
0.9
W
θ
JA
Package Thermal Resistance
110
°C/W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2: The ACE533J is tested and specified under pulse load conditions such that TJ
≈T
A. Specifications
over the -40°C to 125°C operating junction temperature range are assured by design, characterization
and correlation with statistical process controls.
Note 3:This IC includes over-temperature protection that is intended to protect the device during
momentary overload conditions. Junction temperature will exceed 125°C when over-temperature
protection is active. Continuous operation above the specified maximum operating junction temperature
may impair device reliability.
Note
4:
The
maximum
allowable
power
dissipation
of
any
TA (ambient temperature) is
PDMAX=(TJMAX-TA
)/θ
JA. Exceeding the maximum allowable power dissipation will result in excessive die
temperature and the regulator will go into thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com